Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MS-1-R2

  • AI
    The **M2MS-1-R2** is a high-performance, compact microwave/RF frequency mixer, typically manufactured by **Mini-Circuits**. It is designed for frequency conversion in communication systems. --- ## 1. Technical Specifications The M2MS-1-R2 is a **Double Balanced Mixer**. Below are its primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Frequency Range (RF/LO)** | 500 to 2500 MHz | | **Frequency Range (IF)** | DC to 600 MHz | | **LO Power Level** | Class 1 (+7 dBm nominal) | | **Conversion Loss** | 6.5 dB (typical) | | **Isolation (LO-RF)** | 35 dB (typical) | | **Isolation (LO-IF)** | 25 dB (typical) | | **Package Type** | Surface Mount (Case Style: DZ1650) | --- ## 2. Key Electronic Components & Internal Architecture As a double-balanced mixer, the internal circuitry consists of two main sections: ### A. Schottky Diode Quad At the heart of the M2MS-1-R2 is a ring of four matched **Schottky diodes**. - These diodes act as high-speed switches triggered by the Local Oscillator (LO) signal. - The "Double Balanced" nature means the circuit is symmetrical, providing high isolation between ports, which prevents the LO signal from leaking into the RF or IF paths. ### B. Transmission Line Transformers (Baluns) The device uses internal ferrite-core transformers to convert unbalanced signals to balanced signals. - **RF/LO Baluns:** These ensure that the signal is split equally and with 180-degree phase shifts to drive the diode quad. - **Purpose:** They are critical for suppressing even-order harmonics and improving the dynamic range. --- ## 3. Pin Configuration The M2MS-1-R2 is a 6-pin surface mount device. The typical layout is as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | **LO** | Local Oscillator Input | | **2** | **RF** | Radio Frequency Input | | **3** | **IF** | Intermediate Frequency Output | | **4, 5, 6** | **GND** | Ground Connections | --- ## 4. Application Use Cases * **Up-conversion:** Taking a baseband signal (IF) and shifting it to a higher frequency (RF) for transmission. * **Down-conversion:** Taking a high-frequency received signal (RF) and shifting it down (IF) for processing. * **Cellular Infrastructure:** Used in GSM, WCDMA, and LTE base stations within the 500-2500 MHz band. * **ISM Band Applications:** Suitable for 2.4 GHz WiFi or Bluetooth signal processing.
    ✨ Follow-up Questions
    • ⤷ How does the conversion loss of the M2MS-1-R2 affect the overall noise figure of a receiver system?
    • ⤷ What are the recommended soldering profiles for the DZ1650 package to avoid damaging the internal diodes?
    • ⤷ Can the M2MS-1-R2 be used with an LO power higher than +7 dBm?