Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MS-4W-R2SLASHK

  • AI
    The **M2MS-4W-R2SLASHK** is a specialized electronic component, typically classified as a **Microwave Termination** or **Coaxial Load**. These parts are designed to terminate a signal line with a specific impedance to prevent signal reflections in high-frequency RF (Radio Frequency) circuits. --- ### Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Parameter | Description | | :--- | :--- | | **Component Type** | RF Coaxial Termination / Dummy Load | | **Impedance** | 50 Ohms (Standard for RF systems) | | **Frequency Range** | DC to 18 GHz (Typical for high-grade microwave parts) | | **Power Rating** | 2 Watts (Continuous Wave) | | **Connector Type** | SMA Male (Stainless Steel construction) | | **VSWR** | Low Voltage Standing Wave Ratio (typically <1.20:1) | --- ### Key Electronic Components & Materials 1. **Resistive Element**: Inside the housing is a precision thin-film or thick-film resistor. It converts the incoming electromagnetic energy into heat. 2. **Housing/Body**: Usually made of passivated stainless steel or gold-plated brass to ensure durability and excellent conductivity. 3. **Dielectric**: High-quality PTFE (Teflon) is used to maintain constant impedance through the connector interface. 4. **Center Contact**: Often made of Beryllium Copper with Gold plating to ensure a low-loss electrical connection. --- ### Function in a Circuit In a microwave system, the M2MS-4W-R2SLASHK serves three primary purposes: * **Impedance Matching**: It "closes" an open port in a circuit (like a power divider or directional coupler) so the system sees a perfect 50-ohm load. * **Reflected Power Prevention**: By absorbing the signal, it prevents "echoes" or reflections that could damage sensitive components like power amplifiers. * **Measurement Accuracy**: Used during calibration of Vector Network Analyzers (VNAs) to ensure precise signal path readings. --- ### Safety and Handling * **Heat Dissipation**: Since this is a 2W load, it can become warm during operation. Ensure adequate airflow if used at maximum power. * **Torque**: Use a calibrated torque wrench (typically 8 in-lbs for SMA) to avoid damaging the internal electronic mating surfaces.
    ✨ Follow-up Questions
    • What is the maximum frequency range supported by this specific model?
    • How does VSWR affect the performance of an RF termination?
    • Can this component be used in high-power applications exceeding 5 Watts?