Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MS-E-R2

  • AI
    The **M2MS-E-R2** is a specific model of an M.2 (NGFF) to mPCIe (Mini PCI Express) adapter. It is primarily used to interface modern M.2 wireless modules (like Wi-Fi and Bluetooth cards) into older laptop or industrial motherboard slots that only support Mini PCIe. --- ### ## Core Electronic Specifications The adapter acts as a bridge, rerouting pins from one form factor to another. Below are the key electronic components and specifications: | Feature | Specification | | :--- | :--- | | **Input Interface** | Mini PCI Express (Full or Half size) | | **Output Interface** | M.2 Key E / Key A-E Slot | | **Supported Protocols** | PCIe (Gen 1/2/3) & USB 2.0 | | **Voltage Regulation** | 3.3V (Direct pass-through or LDO regulated) | | **Operating Temp** | -40°C to +80°C (Industrial Grade) | --- ### ### Key Hardware Components 1. **Signal Conversion Pins**: The board does not usually contain a protocol translation chip (like a bridge IC) because both M.2 and mPCIe use the same underlying signals (PCIe and USB). Instead, the R2 version features high-quality PCB traces designed to maintain **signal integrity** for high-speed data. 2. **USB 2.0 Header/Bridge**: Most M.2 Wi-Fi cards use the PCIe lanes for Wi-Fi and the USB pins for **Bluetooth**. The M2MS-E-R2 connects the USB pins from the mPCIe slot to the M.2 slot to ensure Bluetooth functionality. 3. **Voltage Filtering (Capacitors)**: The "R2" revision typically includes SMD (Surface Mount Device) capacitors to filter noise from the 3.3V power rail, ensuring a stable power supply to sensitive RF components on the M.2 card. 4. **U.FL to IPEX Connectors (Optional)**: Since mPCIe and M.2 use different antenna connector sizes (U.FL vs. MHF4), these adapters often require specific pigtail cables to bridge the radio frequency (RF) signal to the chassis antennas. --- ### ### Application Logic To use this part effectively, the electronic environment must meet these conditions: * **PCIe Lane Availability:** The host mPCIe slot must have an active PCIe lane for the Wi-Fi to work. * **USB Signal Availability:** The host mPCIe slot must have USB pins connected for the Bluetooth portion to work. ```markdown # Pin Mapping Logic mPCIe Pin (PCIe TX/RX) ------> M.2 Pin (PCIe TX/RX) mPCIe Pin (USB D+/D-) ------> M.2 Pin (USB D+/D-) mPCIe Pin (3.3V/GND) ------> M.2 Pin (3.3V/GND) ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the M2MS-E-R2 support NVMe SSDs or only wireless modules?
    • ⤷ What is the difference between the R2 and the original R1 revision?
    • ⤷ Are there specific power limitations for high-power Wi-Fi 6E cards on this adapter?