Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MS-E-R2/X1

  • AI
    The **M2MS-E-R2/X1** is a specialized electronic module typically used in industrial automation, specifically within the **M-System (now MG CO., LTD.)** M2MS series. These units are high-density, plug-in signal conditioners designed to convert and isolate analog signals. --- ### 1. Component Overview The model code can be broken down into specific electronic configurations: | Part Code | Component Description | Details | | :--- | :--- | :--- | | **M2MS** | Base Model Series | Potentiometer Transmitter (Plug-in type) | | **-E** | Input Type | 100 $\Omega$ to 10 k$\Omega$ Potentiometer | | **-R2** | Output Type | 4 – 20 mA DC (Current Loop) | | **-X1** | Power Input | 100 – 240 V AC | --- ### 2. Key Electronic Features #### A. Signal Conditioning & Isolation The device utilizes an internal **transformer isolation** circuit. This electronically separates the input (potentiometer), the output (4-20mA), and the power supply. * **Dielectric Strength:** Usually rated at 2000V AC between all terminals. * **Function:** Prevents ground loops and protects sensitive control systems (like PLCs) from high-voltage surges on the sensor side. #### B. Input Stage (Potentiometer Interface) The "E" designation indicates the unit provides a constant voltage to the potentiometer. It measures the wiper position as a resistance ratio, converting mechanical movement into a linear voltage internally before further processing. #### C. Output Stage (Current Loop) The "R2" component is an active current source. * **Load Resistance:** Capable of driving up to 550 $\Omega$. * **Calibration:** Equipped with front-access "Zero" and "Span" adjustments (potentiometers) to fine-tune the 4mA and 20mA points. --- ### 3. Technical Specifications | Parameter | Specification | | :--- | :--- | | **Accuracy** | $\pm$0.1% of span | | **Temp. Coefficient** | $\pm$0.015% per degree Celsius | | **Response Time** | $\leq$ 0.5 seconds (0 to 90%) | | **Power Consumption** | Approx. 3 VA at 100V AC | | **Mounting** | Surface or DIN rail via socket (M2-type) | --- ### 4. Circuit Protection The X1 power variant includes internal electronic protections: * **Fuse:** Built-in protection against overcurrent. * **Surge Absorption:** Varistors are typically included across the power terminals to suppress line noise and voltage spikes common in industrial environments. ---
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the Zero and Span for the M2MS series?
    • ⤷ What are the specific wiring diagrams for the X1 power input?
    • ⤷ Can this module be used with a 3-wire potentiometer?