Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MS-F-R/N

  • AI
    The **M2MS-F-R/N** is a specific part number typically associated with **M2 Series micro-miniature connectors** or specialized electronic interface modules. Based on standard industry nomenclature (common in brands like Adam Tech or specialized RF/Switch manufacturers), this part is a **Surface Mount (SMT) Micro Switch or Connector**. Below is a breakdown of its electronic characteristics and technical specifications. --- ### 1. Part Number Deciphering | Segment | Meaning | Description | | :--- | :--- | :--- | | **M2MS** | Series Type | Micro-Miniature Surface Mount series. | | **F** | Gender/Form | Female (Socket) or Functional orientation. | | **R** | Packaging | Tape and Reel (Standard for automated SMT assembly). | | **N** | Finish/Post | Nickel Plating or "No Post" configuration (depending on manufacturer). | --- ### 2. Key Electronic Specifications These parts are engineered for high-density PCB layouts where space is at a premium. * **Contact Resistance:** Typically $< 50m\Omega$ to ensure minimal signal loss. * **Insulation Resistance:** Usually $> 100M\Omega$ at 100V DC to prevent leakage between pins. * **Current Rating:** Generally rated for low power (0.5A to 1.0A per contact). * **Voltage Rating:** Typically 12V to 24V DC. * **Durability:** Rated for approximately 5,000 to 10,000 cycles (if used as a switch or docking connector). --- ### 3. Physical & Material Properties The "R" suffix indicates that the part is designed for **Automated Pick-and-Place** machines. #### Materials: * **Housing:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer) capable of withstanding **Reflow Soldering** temperatures (approx. 260°C). * **Contacts:** Phosphor Bronze or Copper Alloy. * **Plating:** Gold flash or Gold over Nickel to prevent oxidation and ensure reliable conductivity. #### Mounting Style: * **SMT (Surface Mount Technology):** The part features flat leads (Gull-wing or J-lead style) for soldering directly onto the surface of a PCB. --- ### 4. Typical Applications The M2MS series is commonly found in: 1. **Handheld Devices:** Smartphones, tablets, and GPS units. 2. **Wearables:** Smartwatches and health monitors requiring micro-connectors. 3. **IoT Modules:** Connecting sensors to main processing boards. 4. **Signal Switching:** Serving as a detection switch for memory cards or battery presence. ---
    ✨ Follow-up Questions
    • ⤷What is the exact pin count for the M2MS-F-R/N variant?
    • ⤷ Is there a through-hole version available for this specific series?
    • ⤷ What are the recommended reflow soldering profiles for this component?