Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MST-0-R

  • AI
    The **M2MST-0-R** is a specific electronic component belonging to the modular connector family, manufactured by **Schurter**. It is primarily a **Fuseholder Accessory** designed for industrial and power electronics applications. --- ## 1. Component Overview The M2MST-0-R is a **Mounting Kit** used to secure and integrate specific fuseholders or circuit protection modules into a chassis or panel. It serves as a mechanical interface between the electronic protection device and the hardware housing. ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Manufacturer** | Schurter | | **Component Type** | Mounting Kit / Fixing Kit | | **Series** | MST (Modular System) | | **Compatibility** | Designed for MST/MSF series fuseholders | | **RoHS Status** | Compliant | | **Mounting Style** | PCB or Panel Mount (Depending on base unit) | --- ## 2. Structural Composition The "M2MST" designation typically refers to a set of hardware components. While simple in appearance, these parts are engineered for high-vibration environments. 1. **Mounting Brackets/Clips:** Usually made of stainless steel or high-grade spring steel to ensure the fuseholder remains seated during thermal expansion. 2. **Contact Interfaces:** Designed to maintain low resistance when the modular fuse unit is inserted. 3. **Insulation Material:** High-grade thermoplastic (often UL 94V-0 rated) to prevent arcing or short-circuiting to the chassis. --- ## 3. Application and Usage This part is rarely used alone; it is an auxiliary component for the **MST Subminiature Fuses**. Its primary roles include: * **Secure Retention:** Preventing the fuse from being dislodged by mechanical shock. * **Modular Replacement:** Allowing technicians to swap out blown fuses or circuit breakers without desoldering the entire board. * **Space Optimization:** Providing a compact footprint for high-density power supply designs. --- ## 4. Part Number Breakdown * **M2:** Modular generation/Revision 2. * **MST:** Refers to the Micro-Subminiature fuse series compatibility. * **0-R:** Specific packaging or variant code (often indicating "RoHS" compliance or "Bulk" packaging).
    ✨ Follow-up Questions
    • ⤷ What are the specific fuse models compatible with the M2MST-0-R?
    • ⤷ Does this mounting kit support wave soldering for PCB assembly?
    • ⤷ What is the maximum current rating for the associated MST fuse series?