Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MST-3-R/CE

  • AI
    ### M2MST-3-R/CE: M-System M2 Series Signal Conditioner The **M2MST-3-R/CE** is a high-performance, plug-in type signal conditioner (specifically a **Potentiometer Transmitter**) manufactured by M-System. It is designed to convert resistance signals from a potentiometer into standard process signals (Voltage or Current). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Signal** | Potentiometer (Total resistance 100 $\Omega$ to 10 k$\Omega$) | | **Output Signal** | DC Current or Voltage (Standard 4–20mA, 0–10V, etc.) | | **Power Input (R)** | 24V DC | | **Accuracy** | ±0.1% | | **Isolation** | 3-way isolation (Input to Output to Power) | | **Standard/Safety** | CE Marking compliant | | **Construction** | Plug-in structure with base socket | --- ### 2. Electronic Component Breakdown The device functions through several internal electronic stages: #### A. Input Circuitry (Potentiometer Interface) The unit applies a constant reference voltage to the potentiometer. The "Wiper" position determines the voltage ratio. * **Burnout Protection:** The circuit includes a burnout feature that detects if the potentiometer wire breaks, driving the output to a specific limit (e.g., upscale or downscale). #### B. Signal Processing (Conversion) * **Amplification:** An operational amplifier (Op-Amp) stages the low-level resistance signal into a linear voltage. * **Zero/Span Adjustment:** Front-panel potentiometers allow for fine-tuning the electronic offset (Zero) and gain (Span). #### C. Isolation Barrier The "3-way isolation" is achieved via: * **Photocouplers:** For signal isolation between input and output. * **DC/DC Converter:** To isolate the power supply from the signal paths. This prevents ground loops and protects the PLC/DCS from surges. #### D. Output Stage * **Current/Voltage Driver:** Converts the processed signal into the final output format. If it is a 4-20mA model, it uses a constant-current source circuit capable of driving loads up to 750 $\Omega$. --- ### 3. Model Code Breakdown: M2MST-3-R/CE | Segment | Meaning | | :--- | :--- | | **M2MST** | M2 Series Potentiometer Transmitter | | **-3** | **Output Code:** Typically signifies a specific voltage or current range (e.g., 0–1V DC or 4–20mA depending on sub-ordering). | | **-R** | **Power Supply:** 24V DC. | | **CE** | **Certification:** European Conformity (Electromagnetic compatibility). | --- ### 4. Application Context In industrial automation, this part is used to track the position of **valves, actuators, or mechanical linkages** where a potentiometer is physically attached. The M2MST ensures that the variable resistance is translated into a clean, noise-free 4-20mA signal for long-distance transmission to a controller.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the Zero and Span on the M2MST?
    • ⤷ What are the specific wiring diagrams for the 3-wire potentiometer input?
    • ⤷ Can this unit be rail-mounted
    • ⤷ or does it require a specific socket?