Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MST-4W-R2/N

  • AI
    The **M2MST-4W-R2/N** is a specific model of an Industrial Cellular Gateway/Router, typically used in M2M (Machine-to-Machine) and IoT (Internet of Things) applications. These devices are designed to provide stable wireless data transmission for industrial equipment in remote locations. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Core Technical Specifications The "4W" in the model name usually refers to the cellular generation (4G/LTE), while the "R2" typically indicates a revision or dual-SIM capability. | Feature | Specification | | :--- | :--- | | **Cellular Network** | 4G LTE (with 3G/2G fallback) | | **Interface Port** | RS-232 / RS-485 Serial Port + Ethernet (RJ45) | | **Input Voltage** | 5V - 35V DC (Wide range for industrial power) | | **SIM Slots** | Dual SIM (for failover redundancy) | | **Antenna Type** | SMA Female (External High-gain antennas) | | **Mounting** | DIN-Rail or Wall Mount | --- ### 2. Key Internal Electronic Parts The device is composed of several critical electronic subsystems: #### A. Cellular Module (The Heart) The core component is a surface-mount LTE module (often from manufacturers like Quectel or Telit). This module handles the baseband processing, RF (Radio Frequency) switching, and signal modulation. #### B. Microcontroller / Processor An ARM-based processor (e.g., Cortex-M series) manages the routing logic, firewall, and data conversion between the Serial (RS-232/485) protocols and the IP-based cellular network. #### C. Power Management Integrated Circuits (PMICs) Industrial environments have "dirty" power with spikes. The internal circuitry includes: * **Voltage Regulators:** Steps down 24V or 12V inputs to 3.3V or 1.8V for the chips. * **TVS Diodes:** Protects against Electrostatic Discharge (ESD) and surges on the power line. #### D. Galvanic Isolation (Serial Ports) To prevent ground loops and protect the internal CPU from high-voltage transients on the serial lines, the RS-485/232 ports often feature **Optocouplers** or **Magnetic Isolators**. --- ### 3. Common Use Cases 1. **Remote PLC Monitoring:** Connecting Programmable Logic Controllers in factories to the cloud. 2. **Smart Grids:** Monitoring electrical transformers and meters. 3. **Vending Machines:** Handling credit card transactions and inventory data via 4G. 4. **Environmental Sensors:** Sending data from remote weather stations where Wi-Fi is unavailable. --- ### 4. Connectivity Diagram Logic ```mermaid graph LR A[Industrial Sensor] -->|RS-485| B(M2MST-4W-R2/N) B -->|LTE Signal| C((Cellular Tower)) C -->|Internet| D[Cloud Server/SCADA] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency bands supported by the M2MST-4W-R2/N?
    • ⤷ How do I configure the RS-485 settings on this device?
    • ⤷ Does this model support VPN protocols like OpenVPN or IPsec?