Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2MST-C-R2

  • AI
    The **M2MST-C-R2** is a specialized electronic component, typically classified as a high-density, high-speed connector or a mounting module used in industrial automation and communication systems. It is part of the M2M (Machine-to-Machine) connectivity series, often associated with brands like **Advantech** or specialized I/O module manufacturers. --- ### 1. Technical Specifications Below is a breakdown of the typical electronic characteristics of this component series: | Feature | Specification | | :--- | :--- | | **Type** | M2M Stackable/Connectable Module | | **Signal Density** | High-pin count for multi-channel data | | **Interface** | Serial/Digital I/O or Bus-based | | **Mounting Type** | DIN-Rail or PCB Mount (Model dependent) | | **Operating Voltage** | Typically 5V to 24V DC | | **Material** | Industrial-grade thermoplastic / Phosphor bronze contacts | --- ### 2. Core Electronic Components The internal architecture of an M2MST series module generally includes: 1. **Contact Pins:** Gold-plated or tin-plated pins designed for low contact resistance and high durability under vibration. 2. **EMI Shielding:** Integrated metal casing or grounded pins to prevent electromagnetic interference in industrial environments. 3. **Terminating Resistors:** Some "R2" revisions include internal impedance matching or pull-up/pull-down resistors to stabilize data signals. 4. **PCB Interface:** A multi-layered board that routes signals from the external connector to the internal logic of the machine. --- ### 3. Applications and Usage This part is commonly found in the following electronic systems: * **PLC Expansion:** Used to bridge communication between a Programmable Logic Controller and remote I/O. * **Sensor Hubs:** Connecting multiple analog/digital sensors to a central processing unit. * **Embedded Computing:** Serving as a physical interface for M.2 or specialized mezzanine cards in ruggedized PCs. --- ### 4. Implementation Example (Wiring/Logic) When integrating this part into a circuit, the pinout logic usually follows a standard bus protocol. Below is a generic representation of how the signal pins are categorized: ```yaml Pin_Group_A: Power (VCC/GND) Pin_Group_B: Data_High / Data_Low (Differential Pairs) Pin_Group_C: Control Signals (Enable/Reset) Pin_Group_D: Shielding/Earth Ground ``` ---
    ✨ Follow-up Questions
    • ⤷ Is the M2MST-C-R2 compatible with standard DIN-rail mounting systems?
    • ⤷ What is the maximum data transfer rate supported by this connector?
    • ⤷ Are there specific environmental certifications like IP67 for this part?