Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PA-11-R

  • AI
    The **M2PA-11-R** refers to a specific configuration of a high-performance, industrial-grade **Solid State Relay (SSR)** or a specialized **Interposing Relay Module**, often associated with brands like Phoenix Contact or IDEC (though the prefix is most commonly associated with custom relay assemblies). Below is a breakdown of its electronic components, technical specifications, and functions. --- ### 1. Key Technical Specifications The "11" in the part number typically signifies a **1 Form C (SPDT)** contact configuration, while the "R" often denotes a **Relay-based** output or **RoHS** compliance. | Feature | Description | | :--- | :--- | | **Input Voltage (Control)** | Typically 24V DC (Standard for PLC logic) | | **Switching Voltage** | 250V AC / 30V DC (Max) | | **Continuous Current** | 6A to 10A (Depending on the specific housing) | | **Contact Type** | SPDT (Single Pole Double Throw) | | **Mounting Type** | DIN Rail (35mm) | | **Termination** | Screw Terminals or Push-in technology | --- ### 2. Internal Electronic Parts The module is composed of several critical electronic components that allow low-power signals to control high-power loads: * **Electromagnetic Coil:** The heart of the "R" (Relay) version. When DC power is applied, it creates a magnetic field to move the mechanical contacts. * **Flyback Diode (Freewheeling Diode):** Placed across the input coil to suppress voltage spikes (back-EMF) when the relay is turned off, protecting the driving PLC or controller. * **LED Status Indicator:** A green or red LED integrated into the circuit to provide visual feedback when the input coil is energized. * **Bridge Rectifier (Optional):** In some AC/DC universal models, a small bridge rectifier allows the input to accept either polarity. * **Silver Tin Oxide (AgSnO2) Contacts:** The internal physical contact points designed for high conductivity and resistance to "welding" under high-current arcs. --- ### 3. Functional Pinout/Wiring Most M2PA-11-R modules follow a standard 5-pin or 6-pin layout: 1. **A1 (+):** Positive Control Input (24V). 2. **A2 (-):** Negative Control Input (0V / Ground). 3. **11 (COM):** Common Terminal for the load. 4. **12 (NC):** Normally Closed contact. 5. **14 (NO):** Normally Open contact. --- ### 4. Circuit Diagram Representation The logic of the M2PA-11-R can be visualized as follows: ```text Control Side (Logic) Load Side (Power) [A1] ----( Coil )---- [A2] [12] (NC) | | |-----------/ [11] (COM) \ [14] (NO) ``` --- ### 5. Applications * **PLC Interfacing:** Using a low-current PLC output to switch a high-current motor or solenoid. * **Galvanic Isolation:** Separating the sensitive electronic control circuit from the noisy high-voltage power circuit. * **Signal Multiplication:** Taking one control signal and using the SPDT contacts to trigger two different actions.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the M2PA-11-R compared to a Solid State Relay?
    • ⤷ How do I troubleshoot a relay module that is energized but not switching the load?
    • ⤷ Can this relay be used for PWM (Pulse Width Modulation) applications?