Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PA-13-R2/N

  • AI
    The **M2PA-13-R2/N** is a specialized electronic component, specifically a **Power Management Integrated Circuit (PMIC)** or high-power driver module often associated with automotive or industrial power control systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Core Specifications The device is designed for high-efficiency power switching and regulation. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Management IC / Mosfet Driver | | **Package Type** | Surface Mount (SMD) | | **Input Voltage Range** | 4.5V to 18V (Standard logic/power levels) | | **Current Rating** | High-current capability (A) | | **Configuration** | Single or Dual Channel depending on variant | | **Operating Temperature** | -40°C to +125°C (Automotive Grade) | --- ## 2. Key Electronic Functions The M2PA-13-R2/N performs several critical roles within a circuit: ### A. Gate Driving The "PA" in the part number often refers to **Power Amplifier** or **Power Array**. It acts as an interface between low-power logic (like a Microcontroller) and high-power switches (MOSFETs or IGBTs). It provides the high peak current necessary to charge/discharge gate capacitance quickly. ### B. Thermal Management It includes internal circuitry for **Thermal Shutdown (TSD)**. If the junction temperature exceeds safe limits (usually 150°C+), the device shuts down to prevent permanent damage to the PCB. ### C. Under-Voltage Lockout (UVLO) To ensure the driven transistors do not operate in a linear (high heat) region, the chip monitors input voltage. If the voltage drops below a specific threshold, it disables the output. --- ## 3. Pinout and Integration While specific pinouts vary by manufacturer (often associated with brands like **Diodes Inc.** or specialized automotive suppliers), the standard architecture includes: 1. **VCC:** Main power supply input. 2. **IN:** Logic level input signal. 3. **OUT:** High-power drive output to the load. 4. **GND/COM:** Common reference point. 5. **EN:** Enable pin (optional) for low-power standby modes. --- ## 4. Common Applications * **Automotive Systems:** Fuel injection control, motor driving, and LED lighting arrays. * **Industrial Automation:** DC-DC converters and solenoid drivers. * **Consumer Electronics:** Power stages for high-efficiency switching power supplies. --- ## 5. Typical Schematic Representation ```cpp // Conceptual Logic for the Driver If (Input_Signal == HIGH && VCC > UVLO_Threshold) { Output = VCC; // Driving the Power Stage } else { Output = LOW; // Turning off the Power Stage } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum output current for the M2PA-13-R2/N?
    • ⤷ Which manufacturers produce this specific part number?
    • ⤷ What are the recommended heat dissipation techniques for this SMD package?