Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PA-1A-R/N

  • AI
    The **M2PA-1A-R/N** is a specific automotive-grade micro relay manufactured by **Panasonic** (formerly Aromat/NAiS). These relays are designed for high-current switching in space-constrained automotive environments. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and mechanical characteristics of the M2PA series: | Parameter | Specification | | :--- | :--- | | **Contact Arrangement** | 1 Form A (SPST-NO) | | **Nominal Coil Voltage** | 12V DC | | **Contact Rating (Resistive)** | 20A at 14V DC | | **Contact Material** | AgSnO₂ (Silver Tin Oxide) | | **Terminal Type** | PCB Terminals (Through-hole) | | **Enclosure** | Sealed / Flux Tight | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Breakdown of the Model Name The alphanumeric code provides specific details about the component's construction: * **M2PA**: Series designation (Panasonic Micro Automotive Relay). * **1A**: Contact form (1 Form A - Normally Open). * **R**: Built-in Resistor (Used for coil surge suppression). * **N**: Indicates specific terminal layout or performance tweaks (often related to "New" standard or lead-free compliance). --- ### 3. Component Functionality #### A. The Coil Side (Control) The relay utilizes a 12V DC coil. Because it is an "R" suffix model, it contains an **internal resistor** in parallel with the coil. This resistor acts as a snubber to dissipate the back-EMF (voltage spikes) generated when the relay is turned off, protecting sensitive driver transistors in the Engine Control Unit (ECU). #### B. The Contact Side (Load) The **AgSnO₂ contacts** are specifically chosen for automotive use because they resist welding and material transfer during the high inrush currents typical of motors and lamps. #### C. Physical Footprint It is a **Micro ISO** style PCB relay, significantly smaller than standard "Mini" automotive relays. This allows for high-density mounting on fuse boxes or integrated power modules. --- ### 4. Common Applications Due to its 20A rating and compact size, this part is frequently found in: * Fuel pump control. * Power window motors. * Windshield wiper systems. * Horn circuits. * Air conditioning clutch engagement.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a resistor-suppressed and a diode-suppressed relay?
    • ⤷ Can I use a 1 Form C relay to replace a 1 Form A relay in a PCB layout?
    • ⤷ What are the soldering temperature requirements for the M2PA series?