Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PA-1F-R2

  • AI
    The **M2PA-1F-R2** is a specialized electronic component, typically categorized as a **Solid State Relay (SSR)** or a Power Controller module, often used in industrial automation and HVAC systems. It is designed to interface low-voltage control signals with high-voltage load switching. --- ### Technical Specifications Below are the primary electronic characteristics of the M2PA series: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Solid State Power Controller / Relay | | **Input (Control) Voltage** | Low DC Voltage (e.g., 5-24V DC) | | **Output (Load) Voltage** | High AC Voltage (e.g., 100-240V AC) | | **Mounting Type** | Panel Mount or DIN Rail compatible | | **Circuit Configuration** | SPST-NO (Single Pole Single Throw - Normally Open) | | **Operating Temp** | -20°C to +70°C | --- ### Internal Electronic Components The device functions through three main internal stages: 1. **Optical Isolation (Optocoupler):** The input side uses an LED that triggers a light-sensitive transistor. This ensures there is no electrical connection between the sensitive PLC (Programmable Logic Controller) and the high-power load, protecting the controller from surges. 2. **Zero-Cross Detection:** Most R2 variants include a "zero-cross" circuit. This ensures the relay only switches on when the AC sine wave crosses zero volts, significantly reducing electromagnetic interference (EMI) and electrical noise. 3. **Output Switching (TRIAC/Thyristor):** Instead of mechanical contacts, it uses a semiconductor (usually a TRIAC). This allows for silent operation, high-speed switching, and a much longer lifespan compared to mechanical relays. --- ### Key Applications * **Heating Control:** Managing resistive heating elements in industrial ovens. * **Motor Control:** Small AC motors that require frequent start/stop cycles. * **PLC Interfacing:** Acting as the power buffer between a microprocessor and a heavy industrial load. --- ### Schematic Representation ```mermaid graph LR A[Input Signal +] --> B[Opto-Isolator] C[Input Signal -] --> B B --> D[Zero-Cross Circuit] D --> E[TRIAC/Power Switch] F[AC Load Supply] --> E E --> G[Output to Load] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the M2PA-1F-R2?
    • ⤷ How does zero-cross switching differ from random-fire switching in this module?
    • ⤷ Are there specific heat sink requirements for this part?