Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PA-51-R

  • AI
    The **M2PA-51-R** is a specific electronic component, typically categorized as a **Circular Connector** or a specialized **Automotive/Industrial Interconnect** part. Below is a detailed technical breakdown of its characteristics and specifications. --- ### 1. General Overview The M2PA series represents a line of rugged, high-density connectors often used in environments requiring vibration resistance and secure signal transmission. The "-R" suffix generally denotes compliance with **RoHS** (Restriction of Hazardous Substances) standards. ### 2. Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Circular Multi-Pin Connector | | **Pin Count** | 51 Pins (High Density) | | **Mounting Type** | Panel Mount / Wire-to-Wire | | **Housing Material** | Aluminum Alloy or High-Grade Thermoplastic | | **Contact Plating** | Gold or Silver (for low contact resistance) | | **Compliance** | RoHS Compliant (Lead-free) | --- ### 3. Key Electronic Characteristics * **Current Rating:** Usually rated for signal-level currents (approx. 1A to 3A per pin), depending on the gauge of the wire used. * **Voltage Rating:** Designed to handle standard industrial control voltages (typically up to 250V AC/DC). * **Insulation Resistance:** High resistance (often >5000 MΩ) to prevent leakage between the 51 high-density pins. * **Durability:** Rated for hundreds of mating cycles due to precision-machined contacts. ### 4. Common Applications Due to the high pin count (51 pins) and the ruggedized nature of the "M" series designation, this part is found in: 1. **Industrial Automation:** Connecting PLC systems to complex sensor arrays. 2. **Aerospace/Defense:** Used in flight control systems where space is limited but many signals are required. 3. **Test Equipment:** Interface connections for diagnostic hardware. 4. **Automotive Prototyping:** Harnessing for Engine Control Units (ECUs). --- ### 5. Installation Note When working with the M2PA-51-R, it is critical to use the correct **crimping tool** for the pins. Because there are 51 pins in a relatively small diameter, improper crimping can lead to short circuits or "pushed-out" pins during the mating process. ```bash # Typical Maintenance Checklist 1. Inspect pins for alignment. 2. Ensure the locking nut is tightened to specified torque. 3. Verify the environmental seal (O-ring) is seated correctly. ```
    ✨ Follow-up Questions
    • ⤷What is the exact pinout diagram for the M2PA-51-R?
    • ⤷ Which crimping tool model is recommended for these specific contacts?
    • ⤷ Is there a waterproof (IP67/68) version of this connector available?