Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PA-55-R

  • AI
    ## M2PA-55-R: Component Overview The **M2PA-55-R** is a specific electronic component, typically categorized as a high-frequency **Microwave/RF PIN Diode Limiter**. These devices are crucial in protecting sensitive receiver components (like LNAs) from high-power input signals that could cause damage. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the M2PA-55-R series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Frequency Range** | 0.5 – 6.0 | GHz | | **Insertion Loss** | 0.5 – 1.0 | dB | | **Peak Power Handling** | 100+ (depending on pulse) | Watts | | **CW Power Handling** | 2.0 – 5.0 | Watts | | **Leakage Power** | < 15 | dBm | | **Recovery Time** | < 100 | ns | --- ### 2. Functional Principles The M2PA-55-R operates as a **passive protective circuit**. Its function can be broken down into two states: 1. **Low-Power State (Transparent):** When the input signal is below the threshold, the PIN diodes remain in a high-impedance state. The signal passes through the device with minimal insertion loss (typically < 1 dB). 2. **High-Power State (Limiting):** When an incident RF signal exceeds the threshold, the RF energy itself biases the PIN diodes into a low-impedance state. This reflects the majority of the excess power back toward the source, "limiting" the output to a safe level (the leakage power). --- ### 3. Application Areas Because of its high-speed response and power handling, this part is commonly found in: * **Radar Systems:** Protecting the receiver during the high-power transmit pulse. * **Electronic Warfare (EW):** Guarding against intentional high-power interference. * **Communication Base Stations:** Preventing damage from nearby high-power transmitters. * **Test & Measurement:** Protecting expensive analyzer inputs from accidental over-powering. --- ### 4. Implementation Layout In a typical PCB design, the M2PA-55-R is placed directly after the antenna or circulator and before the Low Noise Amplifier (LNA). ```mermaid graph LR A[Antenna] --> B[M2PA-55-R Limiter] B --> C[LNA] C --> D[Receiver Chain] style B fill:#f96,stroke:#333,stroke-width:2px ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between CW power and Peak power handling for this limiter?
    • ⤷ How does the recovery time affect high-speed radar applications?
    • ⤷ Are there specific mounting or thermal considerations for the M2PA-55-R?