Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PA-5D-R/N

  • AI
    The **M2PA-5D-R/N** is a specific part number typically associated with **Power Relay Modules** or **Solid State Relay (SSR) interface units**, often manufactured by companies like Omron or similar industrial automation providers. The nomenclature usually refers to a specific configuration of a slim, DIN-rail mounted relay. --- ### 1. Technical Specifications Breakdown | Component Feature | Specification / Description | | :--- | :--- | | **Model Type** | Slim I/O Relay Module | | **Input Voltage** | 5V DC (indicated by "5D") | | **Output Type** | Relay Output (Electromechanical or SSR) | | **Contact Form** | SPDT (1c) or SPST-NO (1a) | | **Mounting** | DIN Rail Mounting | | **Wiring** | Screw Terminals or Push-in Plus Terminals | --- ### 2. Detailed Electronic Characteristics #### A. Input Side (Control) * **Rated Voltage:** 5V DC. This is the logic-level voltage required to trigger the relay. It is commonly used in circuits controlled by microcontrollers (TTL levels) or low-voltage sensors. * **Polarity:** The "/N" or "/R" suffix often indicates specific wiring polarity or internal diode protection (Flyback diode) to protect the driving circuit from inductive spikes when the coil de-energizes. #### B. Output Side (Load) * **Switching Capacity:** Typically rated for 5A to 10A at 250V AC / 30V DC (depending on the specific relay seated in the base). * **Contact Material:** Often Silver Alloy (AgSnIn) for high durability and resistance to welding. #### C. Safety and Isolation * **Dielectric Strength:** Usually 4,000V AC between coil and contacts to ensure user safety and circuit isolation. * **LED Indicator:** Most modules include a built-in LED to show the status of the input signal (ON/OFF). --- ### 3. Application Use-Cases The M2PA series is designed for space-saving in control panels: 1. **PLC Interfacing:** Acts as a buffer between a low-power PLC output and a high-power actuator (motor, heater). 2. **Signal Isolation:** Protects sensitive control electronics from electrical noise and surges on the load side. 3. **Logic Conversion:** Allows a 5V logic circuit to switch 110V/220V AC appliances. --- ### 4. Typical Wiring Diagram (Conceptual) ```mermaid graph LR A[5V DC Input +] --> B(Coil/Input) C[Ground/Common -] --> B D[Load Power] --- E(COM Terminal) F(NO Terminal) --- G[Device/Load] ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this relay?
    • ⤷ Does this model support NPN or PNP input logic?
    • ⤷ What are the physical dimensions for DIN rail spacing?