Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PA-5D-R2SLASHCE

  • AI
    The **M2PA-5D-R2/CE** is a high-performance, plug-in type Solid State Power Controller (SSPC) or slim interface relay, often associated with industrial automation systems and PLC interfacing. Below is a detailed breakdown of its electronic specifications and characteristics. --- ### 1. Key Technical Specifications The "5D" in the model name typically indicates a 5V DC control voltage, while the "R2" refers to the output configuration. | Parameter | Specification Details | | :--- | :--- | | **Input Voltage (Control)** | 5V DC (Nominal) | | **Output Type** | Power Transistor / Solid State | | **Rated Load Voltage** | 5V DC to 24V DC | | **Max Load Current** | 2A (Typical for R2 series) | | **Isolation Method** | Photocoupler (Optical Isolation) | | **Response Time** | Operate: 0.1ms / Release: 0.3ms (Approx.) | | **Operating Temp** | -30°C to +80°C | --- ### 2. Core Electronic Components The device functions as a Solid State Relay (SSR). Its internal architecture consists of three main stages: #### A. Input Circuit (Control Side) * **Current Limiting Resistor:** Protects the internal LED from overcurrent when 5V DC is applied. * **Reverse Polarity Protection:** A diode that prevents damage if the input wires are swapped. * **Status Indicator:** Usually features a built-in LED to show the logic state (ON/OFF). #### B. Isolation Layer * **Photocoupler:** This is the heart of the "Electronic" part. It converts the electrical input signal into light and back into electricity on the output side. This ensures that a high-voltage surge on the load side cannot travel back to destroy the sensitive PLC or Microcontroller on the input side. #### C. Output Circuit (Switching Side) * **Power MOSFET/Transistor:** Unlike mechanical relays, there are no moving parts. A semiconductor handles the heavy current switching. * **Snubber Circuit:** Absorbs voltage spikes generated when switching inductive loads (like small motors or solenoids). --- ### 3. Advantages of the M2PA Series * **High-Speed Switching:** Because it uses transistors instead of physical contacts, it can toggle thousands of times per second. * **Infinite Life Cycle:** No mechanical wear-and-tear or contact arcing. * **Silent Operation:** Ideal for environments where clicking noises from mechanical relays are undesirable. * **Compact Form Factor:** Designed for DIN-rail mounting or high-density PCB sockets. --- ### 4. Wiring Diagram (Conceptual) ```text [ Input Side ] [ Output Side ] (+) 5VDC ----[Resistor]----| |---- (+) Load Power | Photocoupler| (-) GND ------------------| |---- (-) To Load ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the M2PA-5D and a standard mechanical relay?
    • ⤷ Does this model support AC load switching or only DC?
    • ⤷ What is the maximum surge current this part can handle?