Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PE-13-R2/

  • AI
    The **M2PE-13-R2** is a specific variant of an M.2 to PCIe adapter or riser card, typically used in industrial computing, server environments, or cryptocurrency mining. It allows an M.2 (M-Key) slot to interface with a PCIe x4 (or x1) device. --- ### 1. Technical Specifications Below are the primary electronic and physical specifications for the M2PE-13-R2: | Feature | Specification | | :--- | :--- | | **Input Interface** | M.2 Key M (PCIe protocol) | | **Output Interface** | PCIe x4 Slot (Open-ended or x1 compatible) | | **Data Throughput** | PCIe 3.0 / 4.0 (Dependent on host slot) | | **Power Connector** | Often features a 4-pin or SATA power input | | **Form Factor** | 2260 / 2280 M.2 Mounting points | | **PCB Material** | High-density FR-4 glass epoxy | --- ### 2. Key Electronic Components The board consists of several critical passive and active components to ensure signal integrity and power stability: #### A. Differential Pair Routing The most critical part of the PCB design is the **impedance-controlled differential pairs**. These traces carry the high-speed PCIe data signals. They are matched in length to prevent "skew" (timing differences between the positive and negative signals). #### B. Power Management (DC-DC Conversion) * **Voltage Rails:** M.2 slots natively provide 3.3V. However, many PCIe devices require 12V. * **External Power Input:** The "R2" revision often includes a dedicated power header to pull 12V directly from the PSU, bypassing the motherboard's traces to prevent overcurrent damage. * **Decoupling Capacitors:** Small SMD (Surface Mount Device) capacitors are placed near the power pins to filter out high-frequency noise. #### C. Signaling Pins (Sideband Signals) The adapter handles secondary signals essential for PCIe operation: * **PERST#:** Fundamental Reset. * **CLKREQ#:** Clock Request for power management. * **WAKE#:** To wake the system from sleep via the PCIe device. --- ### 3. Common Use Cases 1. **Storage Expansion:** Connecting U.2 NVMe SSDs via a SFF-8639 cable to an M.2 slot. 2. **GPU Externalization:** Using the M.2 slot to connect an external Graphics Processing Unit (eGPU) for compute tasks. 3. **Networking:** Adding high-speed 10GbE NICs to small form factor (SFF) PCs that lack standard PCIe slots. --- ### 4. Implementation Logic ```mermaid graph LR A[M.2 Host Slot] -->|3.3V + PCIe Lanes| B[M2PE-13-R2 Adapter] C[External PSU] -->|12V Power| B B -->|Combined Signals| D[PCIe Device / Card] ``` ---
    ✨ Follow-up Questions
    • ⤷ Does the M2PE-13-R2 support PCIe 4.0 speeds without signal degradation?
    • ⤷ Is the external power connector mandatory for low-power PCIe cards?
    • ⤷ What is the difference between this R2 version and the previous R1 version?