Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PE-15-R2SLASHCE

  • AI
    The **M2PE-15-R2/CE** is a high-precision, industrial-grade power supply/converter module, typically categorized as a **Programmable DC Power Supply** or an **AC/DC Converter unit** often used in semiconductor manufacturing and laboratory environments. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic characteristics: | Parameter | Typical Value / Range | | :--- | :--- | | **Output Type** | DC (Direct Current) | | **Max Voltage** | Up to 15V (indicated by the '15' in the model) | | **Efficiency** | Typically >85% at full load | | **Cooling** | Forced Air / Internal Fan | | **Control Interface** | Analog or Digital (RS-232/RS-485/CE Compliant) | | **Mounting** | Rack-mount or Bench-top | --- ### 2. Breakdown of the Model Name Electronic part numbers are often descriptive. The breakdown for **M2PE-15-R2/CE** is generally as follows: * **M2PE**: The series identifier, often referring to a Modular/Programmable Electronic power source. * **15**: Indicates the rated output voltage (15 Volts). * **R2**: Refers to the revision of the hardware or a specific rack-mounting configuration. * **CE**: Confirms the unit meets **Conformité Européenne** safety, health, and environmental protection standards for the European Economic Area. --- ### 3. Core Electronic Components Inside this unit, you will find several critical sub-systems: #### A. Input Filtering (EMI/EMC) * **Components:** X and Y capacitors, common-mode chokes. * **Function:** Filters out high-frequency noise from the AC mains and prevents the unit from injecting noise back into the grid. #### B. Power Factor Correction (PFC) Circuit * **Components:** High-speed MOSFETs, Inductors, and PFC Controller ICs. * **Function:** Ensures the current drawn is in phase with the voltage, maximizing energy efficiency and reducing harmonic distortion. #### C. DC-DC Transformation (The "Heart") * **Components:** High-frequency transformers, Optocouplers, and Switching Transistors. * **Function:** Steps down the high voltage to the regulated 15V DC output while providing galvanic isolation. #### D. Control and Protection Logic * **Components:** Microcontrollers (MCUs) or Dedicated PWM Controllers. * **Function:** * **OVP:** Over-Voltage Protection. * **OCP:** Over-Current Protection. * **OTP:** Over-Temperature Protection. --- ### 4. Typical Applications * **Semiconductor Testing:** Providing stable bias voltages for wafers. * **Telecommunications:** Powering sensitive RF equipment. * **R&D Labs:** Variable power supply for prototyping electronic circuits.
    ✨ Follow-up Questions
    • ⤷ What are the specific input voltage requirements for the M2PE-15-R2?
    • ⤷ How do I interface with the R2/CE model for remote programming?
    • ⤷ Does this model support parallel operation for higher current output?