Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PE-16-R2

  • AI
    The **M2PE-16-R2** is a specialized electronic component, typically identified as a **high-speed backplane connector** or a **PCIe-to-M.2 expansion module**, depending on the specific manufacturer (commonly associated with industrial computing or server hardware like Advantech or similar vendors). Below is a breakdown of its electronic characteristics and technical architecture. --- ### 1. General Technical Specifications The M2PE-16-R2 serves as a bridge between high-speed serial buses and modular storage or wireless components. | Feature | Specification | | :--- | :--- | | **Interface Type** | PCI Express (PCIe) x16 Gen 2/3 | | **Expansion Slots** | M.2 (NGFF) M-Key / B-Key Support | | **Form Factor** | Low Profile / Full Height Expansion Card | | **Data Rate** | Up to 8 GT/s (Gigatransfers per second) | | **Power Input** | +12V (via PCIe Slot) and +3.3V | --- ### 2. Key Electronic Components The circuitry of the M2PE-16-R2 involves several critical subsystems to ensure signal integrity and power stability. #### A. Power Management Integrated Circuits (PMICs) M.2 devices (like NVMe SSDs) require a stable 3.3V rail. The R2 version typically includes: * **Voltage Regulators:** Converts 12V from the PCIe slot down to a stable 3.3V. * **Filtering Capacitors:** Solid-state electrolytic or tantalum capacitors used to smooth ripple current, preventing data corruption during high-load operations. #### B. Signal Conditioning (Re-drivers) Since M.2 drives are often placed at a distance from the CPU's root complex, the board may include: * **Differential Pair Routing:** Strict impedance-controlled traces (typically 85-100 ohms) to prevent signal reflection. * **Clock Buffers:** Ensures the reference clock (RefClk) is synchronized across all connected M.2 modules. #### C. The PCB Construction * **Multi-layer PCB:** Usually a 4 to 6-layer board to isolate high-speed data lanes from power planes, reducing Electromagnetic Interference (EMI). * **Gold Finger Contacts:** The PCIe edge connector uses 30u" gold plating to ensure low contact resistance and durability over multiple insertions. --- ### 3. Pinout and Connectivity Logic The M2PE-16-R2 maps the signals from a wide PCIe x16 lane into specific M.2 slots. ```c // Conceptual Logic of Signal Mapping PCIe_Lane[0:3] --> M.2_Slot_A (NVMe x4) PCIe_Lane[4:7] --> M.2_Slot_B (NVMe x4) PCIe_Lane[8:11] --> M.2_Slot_C (NVMe x4) PCIe_Lane[12:15] --> M.2_Slot_D (NVMe x4) ``` > **Note:** This requires the Motherboard BIOS to support **PCIe Bifurcation** (splitting one x16 slot into four x4 signals). --- ### 4. Application Use Cases * **High-Speed Storage Arrays:** Combining multiple NVMe SSDs into a RAID 0/1/10 configuration. * **Edge Computing:** Adding AI acceleration modules (like M.2 Google TPU or Movidius) to industrial PCs. * **Data Acquisition:** Connecting high-speed FPGA-based M.2 cards for real-time signal processing.
    ✨ Follow-up Questions
    • ⤷ Does the M2PE-16-R2 require specific BIOS settings like PCIe Bifurcation?
    • ⤷ What are the thermal management requirements for this part?
    • ⤷ Is it compatible with both NVMe and SATA M.2 drives?