Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PE-16-R2/UL

  • AI
    The **M2PE-16-R2/UL** is a specialized industrial electronic component, typically categorized as a **Solid State Relay (SSR) Output Board** or a **Discrete Output Module**, often used in PLC (Programmable Logic Controller) systems and industrial automation. Below is a detailed breakdown of its electronic specifications and features. --- ### 1. General Specifications This module is designed to interface high-level control logic with high-power industrial loads. | Feature | Description | | :--- | :--- | | **Type** | Solid State Plug-in Output Module Board | | **Channels** | 16-Channel Output | | **Isolation** | Optical Isolation (Optocouplers) | | **Mounting** | DIN Rail or Panel Mount | | **Safety Standard** | UL (Underwriters Laboratories) Recognized | ### 2. Electronic Components & Architecture The board consists of several key electronic sections: #### A. Input Section (Logic Side) * **Optoisolators:** Protects the sensitive CPU/Logic controller from voltage spikes on the load side. * **LED Indicators:** 16 individual LEDs provide visual feedback on the status of each channel. * **Logic Voltage:** Typically operates on 5V DC or 24V DC logic levels (depending on the specific jumper configuration). #### B. Output Section (Load Side) * **Switching Element:** Uses power transistors or MOSFETs (for DC) or Triacs (for AC). * **Protection Circuitry:** Includes **Freewheeling Diodes** (to prevent back-EMF from inductive loads) and **Fuses** (usually one per group or channel). * **Terminal Blocks:** Heavy-duty screw terminals for secure wiring of external devices like motors, solenoids, or lamps. ### 3. Key Technical Parameters | Parameter | Typical Value | | :--- | :--- | | **Max Load Current** | ~2A to 5A per channel (Heat dependent) | | **Switching Voltage** | 5-60V DC or 24-280V AC (Model specific) | | **Response Time** | < 1ms (On), < 1ms (Off) | | **Leakage Current** | Minimal (Typical of Solid State technology) | ### 4. Typical Applications * **Solenoid Valve Control:** Driving hydraulic or pneumatic valves. * **Motor Starters:** Interfacing with contactors. * **Heating Elements:** Precision switching for industrial ovens. * **Lighting Systems:** Automated factory floor lighting. --- ### Summary of Benefits 1. **High Reliability:** No moving parts means a significantly longer lifespan compared to mechanical relays. 2. **Fast Switching:** Ideal for Pulse Width Modulation (PWM) or rapid cycling. 3. **Safety:** The **UL** designation ensures the board meets strict North American fire and electrical safety standards.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the M2PE-16-R2/UL?
    • ⤷ Does this module support AC or DC loads specifically?
    • ⤷ How do I wire the common ground for the 16 output channels?