Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PE-52-R/CE

  • AI
    The **M2PE-52-R/CE** is a specialized electronic component, typically categorized as an **SFP (Small Form-factor Pluggable) Transceiver Module**. These modules are critical in networking and telecommunications for converting electrical signals into optical signals and vice versa. --- ### 1. Key Technical Specifications The following table outlines the core electronic and physical attributes of the module: | Attribute | Specification | | :--- | :--- | | **Module Type** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Typically 155 Mbps to 1.25 Gbps (Variable by exact sub-revision) | | **Interface** | LC Duplex (Optical) / 20-pin Gold-plated (Electrical) | | **Wavelength** | 1310nm or 1550nm (Commonly Single-mode) | | **Operating Voltage** | 3.3V DC | | **Compliance** | RoHS, CE, FCC | --- ### 2. Internal Electronic Architecture The module consists of several integrated electronic sub-systems: #### A. The Transmitter Path (Electrical to Optical) 1. **Laser Driver:** An integrated circuit (IC) that takes the differential electrical signal from the host board and converts it into a current signal to drive the laser. 2. **TOSA (Transmitter Optical Sub-Assembly):** Contains the light source (often a Fabry-Perot or DFB laser) and an optical isolator. #### B. The Receiver Path (Optical to Electrical) 1. **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode that detects incoming light and converts it into a weak electrical current. 2. **TIA (Transimpedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal. 3. **Limiting Amplifier:** Stabilizes the output voltage to ensure a clean digital signal for the host device. #### C. Control and Monitoring (DDM/DOM) Most "CE" marked modules include **Digital Diagnostics Monitoring**. This allows the network switch to monitor: * Internal Temperature * Supply Voltage * Laser Bias Current * Transmitted Optical Power * Received Optical Power --- ### 3. Physical Interface and Pins The "R" in the part number often signifies **RoHS compliance**, while the "CE" indicates **European Conformity**. The electrical connection is made via a 20-pin connector: * **Pins 1, 17, 20:** Ground (Vee). * **Pins 15, 16:** Power (Vcc). * **Pins 12, 13:** RD- and RD+ (Differential Received Data). * **Pins 18, 19:** TD- and TD+ (Differential Transmit Data). * **Pins 4, 5:** I2C Interface (SDA/SCL) for module identification and monitoring. --- ### 4. Application Use Cases * **Ethernet Switches:** Connecting high-speed backbone switches over long distances. * **Media Converters:** Converting copper Ethernet signals to fiber. * **Industrial Networking:** Used in ruggedized environments requiring reliable data transmission.
    ✨ Follow-up Questions
    • ⤷What is the maximum transmission distance for the M2PE-52-R/CE?
    • ⤷ Is this module hot-swappable in a live network environment?
    • ⤷ How does the DDM feature help in troubleshooting fiber links?