Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PE-5A-R2/

  • AI
    ## Technical Overview of the M2PE-5A-R2 The **M2PE-5A-R2** is a specific hardware adapter/interface board typically used in industrial computing and embedded systems. It functions as a bridge between an **M.2 (NGFF) slot** and **PCI Express** connectivity, often specifically designed for integration with proprietary systems or specialized carrier boards (such as those from Advantech or similar industrial PC manufacturers). --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) to PCIe x4 / x1 Expansion | | **Form Factor** | M.2 2242 or 2280 (depending on mounting) | | **Keying** | Typically B+M Key or M-Key | | **Data Rate** | PCIe Gen 2.0 or Gen 3.0 (model dependent) | | **Operating Temp** | Industrial grade (-20°C to +70°C typically) | --- ### 2. Core Electronic Components The board consists of several critical electronic segments that ensure signal integrity and power management: * **Signal Redrivers/Repeaters:** Since M.2 interfaces are sensitive to trace length, these chips boost the PCIe differential signals to maintain data integrity over the adapter. * **Voltage Regulators (LDO/DC-DC):** Converts the input voltage (usually 3.3V from the M.2 slot) to stable levels required by the connected peripheral. * **Decoupling Capacitors:** Small ceramic capacitors (MLCC) placed near the connector to filter high-frequency noise from the power rails. * **EEPROM/Configuration Chip:** May contain firmware or identification strings to help the BIOS/UEFI recognize the bridge device. --- ### 3. Application Use Cases 1. **Storage Expansion:** Adding high-speed NVMe or SATA storage to systems with limited internal headers. 2. **Network Integration:** Converting an M.2 slot to support specialized 10GbE or Fiber Optic NICs. 3. **FPGA Interfacing:** Used in development environments to connect FPGA carrier cards to an industrial motherboard via an M.2 port. --- ### 4. Pinout and Layout Considerations The **R2 (Revision 2)** designation usually implies improvements in: * **Power delivery:** Enhanced copper pours for better heat dissipation. * **Signal Shielding:** Improved EMI (Electromagnetic Interference) protection to meet industrial compliance standards. * **Mechanical Stability:** Reinforced mounting holes to prevent vibration-induced disconnects in rugged environments. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the M2PE-5A-R2?
    • ⤷ Is this adapter compatible with standard NVMe SSDs or is it for communication modules only?
    • ⤷ What are the main differences between Revision 1 and Revision 2 of this board?