Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PE-5E-R

  • AI
    The **M2PE-5E-R** is a high-performance M.2 (PCIe) to PCI Express adapter card, typically used in industrial computing and embedded systems to bridge M.2 slots with standard PCIe expansion capabilities. --- ### ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) Key M | | **Output Slot** | PCI Express x4 (Physical x16 slot often used for compatibility) | | **PCIe Generation** | PCIe 3.0 (Backwards compatible with 2.0/1.1) | | **Form Factor** | M.2 2280 | | **Power Input** | 4-pin or SATA power connector (external) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### ### Key Electronic Components The M2PE-5E-R functions primarily as a physical and electrical bridge. Below are the critical electronic aspects: 1. **PCIe Bridge Controller:** Unlike simple passive adapters, this board often features a bridge IC that manages the signal integrity between the M.2 interface and the PCIe slot, ensuring low latency and high-speed data transfer. 2. **Power Management Circuitry:** * **Voltage Regulation:** Since M.2 slots provide limited power, the card includes DC-to-DC converters to step down external power (12V) to the voltages required by the peripheral card (3.3V/5V). * **Decoupling Capacitors:** Surface-mount capacitors are placed near the PCIe slot to filter high-frequency noise and stabilize power delivery during peak loads. 3. **Differential Pair Routing:** The PCB is designed with impedance-controlled differential traces. This is vital for maintaining the 8 GT/s (Giga-transfers per second) speed of PCIe 3.0 without signal degradation or EMI (Electromagnetic Interference). 4. **External Power Header:** To support high-power PCIe devices (like GPUs or FPGA cards), the board includes a dedicated power input header, bypassing the limited power delivery of the M.2 motherboard slot. --- ### ### Common Use Cases * **GPU Expansion:** Connecting external graphics cards to small form factor (SFF) PCs. * **Testing & Debugging:** Engineers use it to test PCIe cards on motherboards that only have M.2 slots available. * **Storage Arrays:** Connecting high-end RAID controllers to NVMe-capable slots. ---
    ✨ Follow-up Questions
    • ⤷What are the power limitations when using this adapter without the external 4-pin connector?
    • ⤷ Is the M2PE-5E-R compatible with M.2 Key B or Key E slots?
    • ⤷ How does signal interference affect performance in high-speed PCIe bridging?