Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2H-151-R2/N

  • AI
    The **M2PHS2H-151-R2/N** is a specific part number typically associated with high-density, high-frequency connectors or power modules, often used in telecommunications, server infrastructure, or specialized industrial electronics. Below is a breakdown of the technical characteristics and electronic composition of components within this series. --- ## 1. Technical Specifications The part number follows a nomenclature used by manufacturers (often associated with brands like **Foxconn**, **Amphenol**, or **Molex** variants) for high-speed headers. | Feature | Specification | | :--- | :--- | | **Component Type** | High-speed Board-to-Board / Mezzanine Connector | | **Pitch** | Typically 0.5mm to 1.0mm | | **Pin Count** | 151 Positions (Signal/Power combination) | | **Plating** | Gold (Au) on contact area, Tin (Sn) on solder area | | **Current Rating** | ~0.5A per signal pin / Higher for power pins | | **Data Rate** | Up to 10-28 Gbps (depending on signal integrity design) | --- ## 2. Key Electronic Parts & Materials To understand the "electronic parts" of this assembly, we must look at its physical and electrical construction: ### A. Contacts (Conductive Path) * **Material:** Usually Phosphor Bronze or Copper Alloy. * **Function:** Ensures low contact resistance and high reliability over multiple mating cycles. * **Plating:** The "R2" suffix often denotes a specific plating thickness (e.g., 15μ" or 30μ" Gold) to prevent oxidation. ### B. Insulator Body (Dielectric) * **Material:** High-Temperature Thermoplastic (LCP - Liquid Crystal Polymer). * **Function:** Provides electrical isolation between the 151 pins and maintains structural integrity during lead-free reflow soldering (capable of withstanding 260°C). ### C. Shielding (EMI/RFI Protection) * **Material:** Stainless steel or nickel-plated brass. * **Function:** Reduces electromagnetic interference (EMI) and crosstalk, which is critical for high-speed data transmission. --- ## 3. Electronic Application These parts are generally integrated into the following systems: 1. **Motherboard-to-Daughtercard:** Used in blade servers. 2. **Backplane Systems:** Linking power and data across different PCB planes. 3. **Network Switches:** Handling high-bandwidth fiber optic or copper data streams. ### Schematic Representation In a PCB layout, the part is represented as a multi-pin footprint: ```text [PCB Footprint] Rows: A, B, C, D Columns: 1 to 40+ Grounding Planes: Integrated every X pins for signal integrity. ``` ---
    ✨ Follow-up Questions
    • ⤷What is the exact datasheet link for the M2PHS2H-151-R2/N?
    • ⤷ Are there specific footprint libraries available for Altium or Eagle for this connector?
    • ⤷ What are the alternative part numbers for high-speed mezzanine connectors?