Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2H-152-R/N

  • AI
    The **M2PHS2H-152-R/N** is a specific part number typically associated with high-precision **Power Inductors** or **Choke Coils**, often used in automotive or high-reliability industrial power management circuits. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its physical and electrical properties. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 1.5 µH | The nominal inductance value (indicated by "152"). | | **Tolerance** | ±20% (Standard) | The allowable variance in inductance value. | | **Component Type** | Shielded Power Inductor | Designed to minimize EMI (Electromagnetic Interference). | | **Mounting Type** | SMD (Surface Mount Device) | Designed for automated PCB assembly. | | **Saturation Current** | High | Capable of handling significant current without core saturation. | | **Termination** | RoHS Compliant | Lead-free construction ("-R/N" often denotes RoHS compliance). | --- ### 2. Physical Construction These parts are engineered for durability in harsh environments: * **Core Material:** Usually a composite metal powder or ferrite core. Metal powder cores offer "soft" saturation characteristics, which are safer for high-current spikes. * **Shielding:** The magnetic circuit is closed (shielded), which prevents the magnetic field from interfering with neighboring components on the PCB. * **Terminals:** Robust soldering pads designed to withstand vibration and thermal cycling. --- ### 3. Application Areas Due to its low DC Resistance (DCR) and high current handling, this component is commonly found in: * **DC-DC Converters:** Used as the energy storage element in buck (step-down) or boost (step-up) converters. * **Automotive Electronics:** Infotainment systems, ADAS (Advanced Driver Assistance Systems), and LED lighting drivers. * **Industrial Power Supplies:** Filtering and noise suppression in high-efficiency power modules. * **Computing:** Voltage Regulator Modules (VRM) for CPUs or GPUs. --- ### 4. Key Performance Factors When integrating the **M2PHS2H-152-R/N**, engineers focus on these three critical behaviors: 1. **DCR (DC Resistance):** Lower resistance ensures higher efficiency and less heat generation during operation. 2. **Self-Resonant Frequency (SRF):** Defines the upper limit of the frequency range where the component behaves like an inductor. 3. **Thermal Derating:** The current capacity decreases as the ambient temperature rises; this part is typically rated for temperatures up to **125°C or 150°C**. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Irms) for the M2PHS2H-152-R/N?
    • ⤷ Are there alternative part numbers with lower DCR for this inductance value?
    • ⤷ How does the saturation current change at 125\u00b0C versus room temperature?