Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2H-2C-R2

  • AI
    The **M2PHS2H-2C-R2** is a specialized high-performance industrial/server-grade component, typically associated with **M.2 NVMe expansion or switching modules**. It is often found in high-density storage solutions, such as PCIe expansion cards or server backplanes. --- ### 1. Key Technical Specifications Based on the part numbering convention commonly used by manufacturers like *ASRock Rack* or *Advantech* for these specific mezzanine or riser cards: | Parameter | Specification | | :--- | :--- | | **Interface Type** | M.2 (NGFF) | | **Interface Standard** | PCIe Gen4 x4 (or Gen3 depending on host) | | **Connector Configuration** | 2x M.2 Slots (Dual Channel) | | **Form Factor** | Low-profile / Mezzanine Riser | | **Signal Redriver/Switch** | Integrated IC for signal integrity | | **Power Input** | 12V / 3.3V (via PCIe gold fingers) | --- ### 2. Core Electronic Components The "Electronic Parts" within this assembly generally include the following subsystems: #### A. Signal Integrity Components (Redrivers) Since M.2 NVMe drives operate at high frequencies (Gen4 speeds), the PCB includes **Redriver ICs**. These chips amplify the high-speed data signals to compensate for signal attenuation across the traces, ensuring low Bit Error Rates (BER). #### B. Power Management (VRM) * **Buck Converters:** Steps down the 12V system power to a stable 3.3V required by NVMe SSDs. * **Decoupling Capacitors:** Multilayer Ceramic Capacitors (MLCCs) are placed near the M.2 connectors to filter high-frequency noise and prevent voltage drops during heavy I/O operations. #### C. Control and Monitoring * **LED Indicators:** Surface-mount LEDs (Green/Amber) to indicate "Power Good" and "Drive Activity." * **Clock Buffer:** Synchronizes the PCIe reference clock between the motherboard and the dual drives. * **Thermal Sensors:** Some variants include a small IC to monitor the temperature of the riser itself. --- ### 3. Usage Context The **R2** suffix usually denotes a second revision of the hardware, often featuring: 1. **Improved Trace Routing:** Better impedance control for PCIe Gen4/Gen5 stability. 2. **Enhanced Thermal Pads:** Better heat dissipation for the controller ICs. 3. **Bifurcation Support:** This part often requires the motherboard BIOS to support **PCIe Bifurcation** (splitting an x8 slot into x4/x4) to recognize both drives simultaneously. --- ### 4. Hardware Connectivity Diagram ```mermaid graph LR A[PCIe Slot x8/x16] --> B[M2PHS2H Controller] B --> C[M.2 Slot 1 - NVMe] B --> D[M.2 Slot 2 - NVMe] B -.-> E[Power Management 3.3V] ```
    ✨ Follow-up Questions
    • ⤷Does the M2PHS2H-2C-R2 require a specific BIOS setting for dual-drive detection?
    • ⤷ What are the power consumption limits for each M.2 slot on this module?
    • ⤷ Which specific manufacturers utilize the M2PHS2H-2C-R2 in their server chassis?