Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2H-A1C-R

  • AI
    Based on the technical nomenclature, the **M2PHS2H-A1C-R** typically refers to a high-performance **M.2 NVMe SSD Storage Controller** or a specific **Industrial-grade Flash Storage Module**. These components are critical in embedded systems, server environments, and high-speed data processing. --- ### 1. Component Overview This part is a high-speed data storage interface component designed for the M.2 (Next Generation Form Factor) standard. Below is a breakdown of its primary electronic characteristics: | Feature | Specification | | :--- | :--- | | **Interface** | PCIe Gen3 x4 or Gen4 x4 (NVM Express) | | **Form Factor** | M.2 2280 (80mm length) | | **Protocol** | NVMe 1.3 / 1.4 | | **NAND Type** | 3D TLC or pSLC (Industrial Grade) | | **Capacity Range** | 128GB to 2TB (Model dependent) | --- ### 2. Key Electronic Parts & Sub-systems #### A. The Controller (The "Brain") The heart of this part is an ASIC (Application-Specific Integrated Circuit) that manages data flow. * **Flash Management:** Handles wear leveling, bad block management, and ECC (Error Correction Code). * **Host Interface:** Manages the high-speed differential pairs for PCIe communication. #### B. NAND Flash Memory This is where the actual data is stored. * Uses **Non-Volatile Memory** technology. * The "A1C" suffix often denotes a specific temperature grade or NAND binning process (e.g., Extended Temperature range -40°C to +85°C). #### C. Power Management Circuitry (PMIC) * **Voltage Regulation:** Converts the 3.3V supplied by the M.2 slot into lower voltages (1.8V, 1.2V, 0.9V) required by the controller and NAND. * **Capacitors:** Often includes Tantalum or MLCC capacitors for power stability and Power Loss Protection (PLP). #### D. The PCB (Printed Circuit Board) * **Impedance Control:** The traces for PCIe signals are strictly controlled (typically 85-100 ohms) to prevent signal reflection. * **Gold Fingers:** The 75-pin connector is gold-plated to ensure low contact resistance and prevent oxidation. --- ### 3. Part Number Suffix Decoding (Typical) While naming conventions vary by manufacturer (e.g., Advantech, Apacer, or Innodisk), the string **"M2PHS2H-A1C-R"** generally breaks down as: 1. **M2P:** M.2 PCIe Interface. 2. **HS:** High Speed / Heatsink included. 3. **A1C:** Revision code or specific hardware configuration (firmware version). 4. **-R:** RoHS Compliant (Lead-free). --- ### 4. Application Areas * **Edge Computing:** High-speed data logging. * **Industrial Automation:** Boot drives for ruggedized PCs. * **Networking:** Caching modules for high-speed switches.
    ✨ Follow-up Questions
    • ⤷What is the operating temperature range for the A1C variant?
    • ⤷ Does this model support hardware-based encryption (AES-256)?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific module?