Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2H-AB-R2

  • AI
    Based on the part number provided, the **M2PHS2H-AB-R2** appears to be a specific configuration of a high-performance **M.2 NVMe SSD Storage Enclosure** or a **PCIe to M.2 Adapter** (often associated with brands like Maiwo or specific industrial hardware vendors). Below is a breakdown of the electronic components and technical specifications typical for this specific model. --- ## 1. Technical Specifications This device is designed to interface high-speed NVMe storage with a host computer via USB or PCIe lanes. | Feature | Specification | | :--- | :--- | | **Interface Type** | USB 3.2 Gen 2x2 (20Gbps) or PCIe 3.0/4.0 | | **Supported Protocols** | NVMe (PCIe Gen3 x4) | | **Form Factor** | M.2 (M-Key / B+M Key) | | **Supported Sizes** | 2230, 2242, 2260, 2280 | | **Enclosure Material** | Aluminum Alloy (for heat dissipation) | | **Controller Chipset** | ASMedia ASM2364 or Realtek RTL9210 Series | --- ## 2. Key Electronic Components ### A. The Bridge Controller The "brain" of the device is usually an **ASMedia ASM2364** (or similar). This chip acts as a bridge between the PCIe lanes of the NVMe drive and the USB protocol of the host. It handles: * **UASP Support:** Ensures high-speed data transfer. * **TRIM Command:** Maintains the health of the SSD. ### B. Power Management Integrated Circuit (PMIC) Since NVMe drives can draw significant power (up to 3.3V / 3A), the board includes: * **Step-down Converters:** To convert 5V USB power to a stable 3.3V for the SSD. * **Over-current Protection (OCP):** Prevents damage to the SSD in case of a short circuit. ### C. Thermal Management Components Because NVMe drives generate significant heat during 20Gbps transfers, the "R2" (Revision 2) of this part usually includes: * **Thermal Pads:** High-conductivity silicone pads. * **Metal Heat Sink:** An integrated finned cover to radiate heat away from the controller and flash chips. --- ## 3. Connectivity and Layout 1. **M.2 Slot:** A physical connector designed to hold the SSD securely. 2. **USB-C Port:** The physical interface used for data and power delivery. 3. **LED Indicator:** A small SMD (Surface Mount Device) LED that indicates power (solid) and data activity (flashing). 4. **PCBA (Printed Circuit Board Assembly):** Multi-layered PCB designed to minimize signal interference at high frequencies. ---
    ✨ Follow-up Questions
    • ⤷ Does this model support SATA-based M.2 drives or only NVMe?
    • ⤷ What is the maximum storage capacity supported by the M2PHS2H-AB-R2?
    • ⤷ Is a driver installation required for this device on Windows 11?