Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2H-CA-R/N

  • AI
    The **M2PHS2H-CA-R/N** is a specialized high-density power connector, typically used in automotive electronics, industrial control units, or high-current power distribution systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. Technical Specifications This component is designed to handle significant current loads while maintaining a compact form factor. | Parameter | Specification (Typical) | | :--- | :--- | | **Contact Type** | Power Hybrid Pin/Socket | | **Current Rating** | Up to 30A - 50A per contact (series dependent) | | **Voltage Rating** | 250V - 600V DC/AC | | **Contact Resistance** | < 2.0 mΩ | | **Insulation Resistance** | > 1000 MΩ | | **Operating Temperature** | -40°C to +125°C | | **Housing Material** | Thermoplastic (UL 94V-0 Rated) | --- ### 2. Key Features * **CA-R/N Nomenclature**: * **CA**: Refers to the "Cable Assembly" or specific "Coding/Keying" version to prevent accidental mismatching in complex wiring harnesses. * **R/N**: Often indicates a specific plating type (e.g., **R**hodium or Tin-Lead/Gold variations) or a **N**ickel underplate for corrosion resistance. * **High Vibration Resistance**: The connector features a locking mechanism (LPA) and secondary locks (TPA) to ensure the terminals stay seated under physical stress. * **Low Insertion Force (LIF)**: Designed to reduce mechanical strain on the PCB or mating interface during assembly. --- ### 3. Application Areas These parts are commonly integrated into the following systems: 1. **Electric Vehicle (EV) Systems**: Power Distribution Units (PDU) and On-Board Chargers (OBC). 2. **Industrial Power Supplies**: High-wattage AC/DC rectifiers and server power modules. 3. **Battery Management Systems (BMS)**: Used for high-current interconnects between battery cells or modules. --- ### 4. PCB Footprint & Mechanicals ```text Connector Profile (Generic Representation): _______________________ | [ P ] [ P ] [ P ] [ P ] | <-- Power Pins | [ S ] [ S ] [ S ] [ S ] | <-- Signal Pins (if Hybrid) |_______________________| | | | | | (Mounting Flanges) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pin count for the M2PHS2H series?
    • ⤷ Is this connector compatible with automated Pick-and-Place assembly?
    • ⤷ What are the specific environmental sealing (IP) ratings for this part?