Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2L-16C-R

  • AI
    The **M2PHS2L-16C-R** is a specific model identifier typically associated with **M.2 NVMe SSD enclosures or expansion cards** (often produced by brands like MAIWO or similar industrial suppliers). This specific part is a **Dual-Port M.2 NVMe to PCIe x4/x8/x16 adapter**. Below is a breakdown of its electronic components, technical specifications, and functional architecture. --- ## 1. Core Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface Type** | PCIe (Peripheral Component Interconnect Express) | | **Host Connection** | PCIe x16 Physical (typically wired for x8 or x4 electrical) | | **Device Support** | 2x M.2 NVMe SSDs (M-Key) | | **Form Factor** | Low Profile / Standard Height compatible | | **Protocol** | NVMe (PCIe Gen 3.0 or 4.0 depending on the specific revision) | | **Material** | Aluminum Heat Sink + Fiberglass PCB | --- ## 2. Key Electronic Components The "Electronic Parts" of this device consist of passive and active components designed to manage high-speed data signals and power delivery. ### A. Power Management ICs (PMIC) Since M.2 SSDs require a stable **3.3V** power supply, the board contains: * **Voltage Regulators:** Converts the 12V or 5V from the PCIe slot down to a clean 3.3V. * **Decoupling Capacitors:** Small ceramic capacitors (MLCC) located near the M.2 slots to filter high-frequency noise and prevent voltage drops during heavy read/write loads. ### B. Signal Integrity Components * **Differential Pair Routing:** The PCB traces are designed with specific impedance matching to ensure data integrity at high frequencies (GHz range). * **SMD Resistors:** Used for pull-up/pull-down logic and termination to ensure proper communication between the SSD and the Motherboard. ### C. The Controller / Bridge (Optional) * **Bifurcation Dependent:** Most "R" suffix models in this category are **passive** adapters. This means they rely on **PCIe Bifurcation** (splitting x16 into x4/x4/x4/x4) in the Motherboard BIOS. * **LED Indicators:** Surface-mount LEDs that indicate "Power" (Solid) and "Activity" (Flashing) for each individual drive. --- ## 3. Physical Layout and Connector Pins ### M.2 Slot (M-Key) The M-Key connector is the physical interface for the SSD. It consists of 75 positions, though not all are used for data. * **Pins 1-11:** Power and Ground. * **Pins 12-66:** PCIe Data Lanes (Transmit/Receive pairs). * **Pins 67-75:** Configuration and 3.3V power. ### Heat Management The "**HS**" in the part number often stands for **Heat Sink**. The electronic assembly includes a thermal pad that sits between the SSD chips and the aluminum cover to dissipate heat generated by the controller flash memory. --- ## 4. Usage Requirements * **BIOS Support:** The motherboard must support **PCIe Bifurcation** to see both drives. Without this, only the first SSD will be detected. * **Compatibility:** Supports 2230, 2242, 2260, and 2280 M.2 sizes. ---
    ✨ Follow-up Questions
    • ⤷ Does this adapter require a specific BIOS setting to recognize both SSDs?
    • ⤷ What is the difference between a passive and an active (PLX chip) PCIe adapter?
    • ⤷ Can I use SATA-based M.2 drives with the M2PHS2L-16C-R?