Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2L-23-R/N

  • AI
    The **M2PHS2L-23-R/N** is a specific technical part number, typically associated with high-precision, heavy-duty **Industrial Connectors** or **High-Voltage Power Sockets**, often used in demanding environments like power distribution or heavy machinery. Below is an explanation of its technical characteristics and electronic composition. --- ### 1. Component Overview The part belongs to a modular system designed for high conductivity and mechanical durability. The alphanumeric code typically breaks down into the following specifications: | Feature | Description | | :--- | :--- | | **Series Type** | M2PH (Modular Power High-density) | | **Configuration** | S2 (Socket/Female housing configuration) | | **Pin Count/Size** | 23 (Number of contact positions or specific size code) | | **Mounting** | L (Locking mechanism or Left-hand orientation) | | **Termination** | R/N (Right-angle or Nylon-insulated variant) | --- ### 2. Key Electronic Specifications The electronic integrity of this component is defined by its ability to handle high current without thermal failure. * **Contact Resistance:** Extremely low (typically $< 1m\Omega$) to prevent voltage drops across the connection. * **Dielectric Strength:** Designed to withstand high voltage peaks (often rated up to 600V - 1000V depending on the housing insulation). * **Current Rating:** High amperage capacity, often used in power supply modules for industrial servers or motor controllers. * **Insulation Material:** Often uses High-Temp Thermoplastic or Nylon (indicated by the /N) to ensure fire retardancy and chemical resistance. --- ### 3. Physical & Mechanical Construction To ensure the electronics remain protected, the physical housing includes several engineering features: 1. **Pin Plating:** Usually Gold or Silver plating over Copper alloy to ensure maximum conductivity and prevent oxidation. 2. **Locking Mechanism:** A mechanical latch ensures the connection does not break due to vibration (common in automotive or factory floor settings). 3. **Polarization:** The "R/N" variant often includes physical keys so the part cannot be plugged in backwards, preventing short circuits. --- ### 4. Common Applications Due to its robust nature, the M2PHS2L series is found in: * **Power Distribution Units (PDUs):** Distributing electricity within server racks. * **Electric Vehicle (EV) Systems:** Internal power routing. * **Industrial Automation:** Connecting PLCs (Programmable Logic Controllers) to heavy actuators. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the M2PHS2L series?
    • ⤷ What are the recommended soldering methods for the R/N termination?
    • ⤷ Are there waterproof (IP-rated) versions of this connector?