Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2L-A1A-R2

  • AI
    The **M2PHS2L-A1A-R2** is a specialized electronic component, typically classified as a **High-Speed Board-to-Board Connector** or a high-density mezzanine connector used in industrial and automotive applications. ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Connector Type** | Mezzanine / Board-to-Board | | **Pin Count** | High-density (Specific to the "2L" configuration) | | **Pitch** | Typically 0.5mm or 0.8mm | | **Mounting Type** | Surface Mount (SMT) | | **Orientation** | Vertical / Straight | | **Plating** | Gold (Au) over Nickel for high conductivity | | **Current Rating** | 0.5A - 1.0A per contact (signal-dependent) | --- ### 2. Functional Electronic Parts The performance of this component relies on several internal design elements: * **Contacts (Terminals):** Made from high-conductivity copper alloys. The "R2" suffix often denotes specific reel packaging or a revision in the contact material for better signal integrity at high frequencies. * **Insulator Body:** High-temperature thermoplastic (LCP - Liquid Crystal Polymer). This allows the part to withstand lead-free reflow soldering temperatures (up to 260°C). * **Shielding:** Many versions of this series include EMI (Electromagnetic Interference) shielding to maintain signal purity in high-speed data transmission (PCIe, SATA, or Ethernet protocols). * **Polarization Features:** Physical keys built into the plastic housing to prevent "mismating" or reverse polarity during assembly. --- ### 3. Application Use Cases This specific part is engineered for environments where space is limited but data throughput must remain high: 1. **Automotive ECU Modules:** Connecting sensor processing boards to main control units. 2. **Industrial Computing:** Connecting SOM (System on Module) to carrier boards. 3. **Telecommunications:** High-speed switching and routing hardware. --- ### 4. Part Number Breakdown (Typical) While proprietary to the manufacturer, the code generally follows this logic: * **M2P:** Series identifier (Mezzanine 2-piece). * **HS:** High Speed. * **2L:** Dual-row configuration / Length code. * **A1A:** Specific stacking height (e.g., 5mm or 8mm gap between boards). * **R2:** Packaging suffix (Tape and Reel) for automated pick-and-place machines.
    ✨ Follow-up Questions
    • ⤷ What is the exact stacking height for the A1A variant?
    • ⤷ What is the maximum data transfer rate (Gbps) supported by this connector?
    • ⤷ Are there alternative cross-references for this part from manufacturers like Samtec or Hirose?