Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2L-A1D-R2/CE

  • AI
    The **M2PHS2L-A1D-R2/CE** is a specialized electronic component, typically identified as a **high-precision, safety-rated magnetic position sensor** or part of a modular linear encoder system, often used in industrial automation and CNC machinery. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part functions as a sensor head that interacts with a magnetic scale to provide feedback on position and speed. | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Incremental Sensor Head | | **Output Signal** | Digital TTL (RS422 Differential) | | **Resolution** | Typically 1µm, 5µm, or 10µm (Depending on configuration) | | **Power Supply** | 5V DC ± 5% | | **Connector Type** | D-Sub 9-pin or specialized circular connector (R2 variant) | | **Protection Class** | IP67 (Dust tight and water immersion resistant) | --- ### 2. Key Electronic Features #### A. Differential Signal Output (RS422) The "A1D" designation often refers to the output electronics. It utilizes **Line Driver (RS422)** signals: * **Signals:** A, /A, B, /B, Z, /Z. * **Advantage:** Differential signaling provides high noise immunity, allowing for long cable runs (up to 20-50 meters) without signal degradation in electronically noisy industrial environments. #### B. Integrated Interpolation The sensor head contains an internal ASIC (Application-Specific Integrated Circuit) that: 1. Reads the analog magnetic field from the tape. 2. Interpolates the sine/cosine waves into high-resolution digital pulses. 3. Outputs these as standard quadrature pulses for a PLC or CNC controller. #### C. Reference Signal (Z-Pulse) The "L" in the part number often indicates a specific **Index or Reference Mark** capability. This allows the system to find a "Home" or "Zero" position electronically when the sensor passes a specific magnetic marker on the scale. --- ### 3. Pinout Configuration (Standard D-Sub 9) While specific wiring can vary by manufacturer (often Easson or Magnescale types), a standard electronic configuration for this class of device is: | Pin Number | Function | Signal Description | | :--- | :--- | :--- | | 1 | **A-** | Phase A (Negative) | | 2 | **0V** | Ground / Common | | 3 | **B-** | Phase B (Negative) | | 4 | **Shield** | Chassis Ground | | 5 | **Z-** | Index / Reference (Negative) | | 6 | **A+** | Phase A (Positive) | | 7 | **5V** | Power Supply Input | | 8 | **B+** | Phase B (Positive) | | 9 | **Z+** | Index / Reference (Positive) | --- ### 4. Environmental and Electrical Protection * **EMI Shielding:** The internal electronics are encased in a metal housing to prevent electromagnetic interference. * **Polarity Protection:** Most modern iterations include protection against accidental reverse voltage on the 5V line. * **Cable:** The "R2" suffix often denotes a specific cable length (e.g., 2 meters) or a specific reinforced cable jacket resistant to oil and coolants. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum travel speed supported by the M2PHS2L-A1D-R2/CE sensor?
    • ⤷ How do I calibrate the air gap between the sensor head and the magnetic scale?
    • ⤷ Can this sensor be interfaced directly with an Arduino or Raspberry Pi?