Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2L-A1D-R2SLASHN

  • AI
    The part number **M2PHS2L-A1D-R2/N** typically refers to a high-performance **Industrial SSD (Solid State Drive)**, specifically an M.2 NVMe module designed by manufacturers like **Innodisk**. These components are engineered for industrial, embedded, and server applications where reliability and data integrity are critical. --- ### Technical Specifications Breakdown The following table outlines the likely technical characteristics based on this specific part numbering convention: | Feature | Specification Details | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen 3 x2 or x4 (NVMe protocol) | | **Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity** | Varies (Standard ranges from 128GB to 1TB+) | | **Operation Temp** | Standard (0°C ~ +70°C) or Wide Temp (-40°C ~ +85°C) | | **Suffix "/N"** | Often denotes specific firmware versions or "Normal" temperature grading | --- ### Key Electronic Components The PCB (Printed Circuit Board) of this module consists of several critical integrated circuits: 1. **NAND Flash Chips:** The storage medium where data is non-volatilely kept. Industrial versions use high-endurance 3D TLC to ensure a high TBW (Total Bytes Written) rating. 2. **SSD Controller:** The "brain" of the device. It manages Wear Leveling, Garbage Collection, and Error Correction Code (ECC) to ensure the NAND flash does not wear out prematurely. 3. **DRAM Cache (Optional):** Some variants include a dedicated DDR4 chip for mapping tables, which significantly increases random read/write speeds. 4. **Power Management IC (PMIC):** Protects the drive from voltage spikes and ensures stable power delivery to the flash cells during write operations. --- ### Core Industrial Features * **iPower Guard:** A hardware-based protection circuit that prevents data loss during unstable power-on/off cycles. * **iData Guard:** Ensures that the last bit of data is correctly written to the flash even during a sudden power failure. * **Thermal Management:** Throttling mechanisms that lower performance if the controller exceeds safe temperature thresholds to prevent hardware damage. * **End-to-End Data Path Protection:** Checks for errors at every stage of the data transfer process from the host to the NAND. --- ### Comparison with Consumer SSDs | Feature | M2PHS2L (Industrial) | Consumer (Standard) | | :--- | :--- | :--- | | **Reliability** | Extremely High (MTBF > 3M hours) | Moderate | | **BOM Control** | Fixed (Components don't change) | Variable (Parts change frequently) | | **Environment** | Shock & Vibration Resistant | Sensitive |
    ✨ Follow-up Questions
    • ⤷ What is the TBW (Total Bytes Written) rating for this specific model?
    • ⤷ Does this part support AES-256 hardware encryption?
    • ⤷ Is this module compatible with standard PCIe Gen 4 slots?