Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2L-CA-R/CE

  • AI
    The **M2PHS2L-CA-R/CE** is a specialized high-performance industrial connector, typically associated with high-speed differential signal transmission. While the exact internal "electronics" are passive, its design is engineered to handle complex electrical requirements. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | High-speed Header / Board-to-Board Connector | | **Series** | M2PHS (High-Speed Series) | | **Mounting Type** | Surface Mount (SMT) or Through-Hole (Variant dependent) | | **Orientation** | Right Angle (indicated by -R) | | **Impedance Control** | 100 Ohms (Optimized for differential pairs) | | **Material** | High-temperature LCP (Liquid Crystal Polymer) | --- ### 2. Physical and Electrical Anatomy The "electronic" performance of this part is defined by its physical construction: #### A. The Contact Interface The pins are usually plated with **Gold (Au)** over Nickel. This ensures: * **Low Contact Resistance:** Minimizes signal loss. * **Anti-Oxidation:** Maintains electrical integrity over thousands of mating cycles. #### B. Signal Integrity Features The "PHS" designation often refers to **Polarized High Speed**. This means: * **Shielding:** The housing is designed to minimize Electromagnetic Interference (EMI). * **Differential Pair Routing:** The spacing between pins is strictly controlled to maintain a constant 100-ohm impedance, which is critical for signals like PCIe, SATA, or Ethernet. #### C. Mechanical Robustness * **Alignment Bosses:** Small plastic pegs that ensure the connector is perfectly centered on the PCB pads before soldering. * **Locking Mechanism:** The "L" in the suffix often denotes a latching or locking mechanism to prevent accidental disconnection in high-vibration environments. --- ### 3. Application Areas This component is commonly found in the following electronic systems: 1. **Industrial Computing:** Connecting carrier boards to COM (Computer-on-Module) units. 2. **Telecommunications:** High-speed data routing in switches and routers. 3. **Medical Imaging:** Transferring high-resolution sensor data to processing units. --- ### 4. Part Number Breakdown (General Interpretation) | Code Segment | Meaning | | :--- | :--- | | **M2PHS** | Series Name (Metric 2mm Pitch High Speed) | | **2L** | Number of rows or specific latching configuration | | **CA** | Contact Area plating or specific housing material | | **R** | Right Angle orientation | | **CE** | Compliance / Environmental coding (e.g., RoHS, Halogen-Free) |
    ✨ Follow-up Questions
    • ⤷ What is the maximum data rate (Gbps) supported by the M2PHS series?
    • ⤷ Does this connector require specific PCB footprint patterns for impedance matching?
    • ⤷ Are there alternative plating options for extreme environment use?