Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2W-164-R

  • AI
    Based on the part number **M2PHS2W-164-R**, this component is a high-precision **Current Sensing Resistor** (Shunt), commonly used in automotive and industrial power management. --- ### 1. General Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Type** | Metal Plate | High stability and low noise | | **Power Rating** | 2 Watts | Capacity to dissipate heat at 70°C | | **Resistance Value** | 164 mΩ (0.164Ω) | The specific ohmic value | | **Tolerance** | ±1% (Typical for 'F' or 'R' suffixes) | Precision level of the resistance | | **Package Size** | 2512 (Metric 6432) | Large footprint for heat dissipation | | **Termination** | Wide Terminal | Side-electrode design for lower ESL | --- ### 2. Key Electronic Features * **Low Inductance:** Designed with a metal plate element to minimize parasitic inductance, making it ideal for high-frequency switching applications. * **Thermal Management:** The "2W" rating indicates it can handle significant current without drifting. It typically uses a copper-alloy or manganese-copper construction to maintain a low **TCR** (Temperature Coefficient of Resistance). * **AEC-Q200 Compliance:** Most parts in this series are automotive grade, meaning they can withstand high vibration and extreme temperature cycles. --- ### 3. Typical Circuit Applications These parts are placed in series with a load to measure current by monitoring the voltage drop ($V = I \times R$). 1. **Battery Management Systems (BMS):** Monitoring charge/discharge cycles. 2. **Motor Control:** Detecting phase current for BLDC motors. 3. **DC-DC Converters:** Providing feedback for over-current protection (OCP). 4. **Power Inverters:** Used in solar or EV charging stations. --- ### 4. Footprint and Mounting The **M2PHS** series usually features a **Wide Terminal** construction. Unlike standard resistors where the terminals are on the narrow ends, wide terminals are on the long sides. This provides: * Better solder joint integrity. * Lower thermal resistance to the PCB. * Reduced Equivalent Series Inductance (ESL). ---
    ✨ Follow-up Questions
    • ⤷What is the exact TCR (Temperature Coefficient) for the M2PHS series?
    • ⤷ Are there specific soldering profiles recommended for these wide-terminal resistors?
    • ⤷ Can this resistor be used in a 4-terminal Kelvin sensing configuration?