Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2W-2D-R/CE

  • AI
    The **M2PHS2W-2D-R/CE** is a specialized industrial human-machine interface (HMI) component, typically categorized as a **22mm Monolithic Push Button Switch** with integrated LED illumination. This part is commonly used in control panels, automation systems, and electrical distribution boards. --- ### 1. Technical Specifications | Parameter | Specification | |:---|:---| | **Mounting Diameter** | 22mm (Standard industrial size) | | **Operation Type** | Maintained (Stay-put/Latching) or Momentary (Depends on specific sub-series) | | **Illumination** | Integrated High-intensity LED | | **Contact Configuration** | 2-Contact Blocks (Typically 1NO + 1NC or 2NO) | | **Voltage Rating** | 110V - 230V AC/DC (CE Rated for European standards) | | **Protection Rating** | IP65 / NEMA 4X (Water and Dust resistant) | | **Color Code** | Red (Indicated by "-R") | --- ### 2. Breakdown of the Model Code The alphanumeric string defines the specific electronic and physical characteristics of the switch: * **M2P:** Refers to the series (typically a 22mm pilot device line). * **HS:** Often designates the "Head Shape" or actuator type (e.g., Extended Head or Shrouded). * **2W:** Indicates the wiring or contact arrangement (Two-wire/Double contact). * **2D:** Likely refers to the LED voltage or drive circuit (e.g., 24V or 220V depending on manufacturer context). * **R:** Color indicator — **Red**. * **CE:** Certification mark indicating compliance with European Union health, safety, and environmental protection standards. --- ### 3. Electronic Components & Materials 1. **Contact Blocks:** The internal switching mechanism usually consists of silver-alloy contacts to ensure high conductivity and resistance to arcing. 2. **LED Driver:** Contains a small internal resistor or capacitive dropper circuit to allow the LED to function at industrial voltages without burning out. 3. **Housing:** Made of flame-retardant thermoplastic (polyamide) or reinforced polycarbonate to handle high-temperature environments. 4. **Terminal Screws:** Usually features "captive" screws with pressure plates for secure vibration-resistant wiring. --- ### 4. Circuit Application This part acts as both an **Input Device** (the physical button press) and an **Output Indicator** (the light status). * **Logic Integration:** Can be wired to a PLC (Programmable Logic Controller) input to trigger a process. * **Feedback Loop:** The LED can be wired independently of the switch to indicate when a machine is "Running" or in a "Fault" state. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact voltage rating for the LED in this specific model?
    • ⤷ Can the contact blocks be replaced or added to this monolithic unit?
    • ⤷ What is the difference between the 'Maintained' and 'Momentary' versions of this switch?