Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2W-A13-R/N

  • AI
    The **M2PHS2W-A13-R/N** is a specific part number typically associated with **M2 series industrial push-button switches** or pilot lights, often manufactured by companies like **DECA Switchlab** or similar industrial control component providers. Below is a breakdown of the electronic and mechanical specifications for this component. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | 22mm Industrial Push Button Switch / Pilot Light | | **Series** | M2 Series | | **Mounting Diameter** | 22mm (Standard industrial cutout) | | **Illumination** | LED Integrated (indicated by 'W' or 'L' suffixes) | | **Voltage Rating** | Usually 110V-220V AC or 24V DC (Model dependent) | | **Contact Configuration** | May include 1NO (Normally Open) or 1NC (Normally Closed) blocks | | **Ingress Protection** | IP65 (Dust-tight and protected against water jets) | | **Terminal Type** | Screw terminals or Plug-in connectors | --- ### 2. Breakdown of the Part Number While specific manufacturer codes vary slightly, the nomenclature usually breaks down as follows: * **M2**: The series designation (22mm diameter industrial range). * **PH**: Likely refers to the head style (e.g., Extended or Flush Head). * **S2**: Indicates the selector or action type (e.g., 2-position or Momentary). * **W**: Often signifies the **White** color or **Illuminated** status. * **A13**: Internal manufacturer code for contact block arrangement (e.g., 1NO+1NC). * **R/N**: Regulatory or Material markers (e.g., RoHS compliant / Nylon construction). --- ### 3. Electronic Characteristics #### Contact Blocks The unit uses modular contact blocks. These are the "electronic" heart of the switch: * **Thermal Current ($I_{th}$):** Typically rated for 10A. * **Insulation Resistance:** $> 100M\Omega$ at 500V DC. * **Dielectric Strength:** 2500V AC for 1 minute. #### Illumination (LED) If the model is illuminated, it utilizes an integrated LED chip: * **Low Power Consumption:** Usually $< 20mA$. * **Service Life:** Typically 50,000 to 100,000 hours. * **Brightness:** High-intensity discharge for visibility in factory environments. --- ### 4. Typical Applications These parts are designed for heavy-duty industrial environments, including: 1. **Control Panels:** Main power toggles or emergency status indicators. 2. **CNC Machinery:** Cycle start or stop commands. 3. **Automation Lines:** Signaling errors or operational states via the illuminated head. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage for the A13 variant of this switch?
    • ⤷ Are there different color caps available for the M2PH series?
    • ⤷ How do you wire the NO and NC terminals for this specific model?