Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2W-C2-R2/N

  • AI
    The **M2PHS2W-C2-R2/N** is a specific model within the series of industrial-grade **Solid State Relays (SSR)** or **Power Controllers**, typically manufactured by brands like **Carlo Gavazzi** or similar industrial automation firms. This specific part number refers to a **2-pole (Phase) proportional controller** designed for switching resistive loads, commonly used in heating applications. --- ### 1. Part Number Breakdown & Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Model Series** | M2PH (2-Phase Proportional Controller) | | **Switching Mode** | Phase Angle or Full Cycle (Proportional) | | **Number of Poles** | 2-Pole (Switches two legs of a 3-phase system) | | **Current Rating** | Typically 25A to 50A (varies by heatsink) | | **Voltage Rating** | 230V to 480VAC (Standard Industrial range) | | **Control Input** | 4-20mA, 0-10VDC, or Potentiometer | | **Feedback (R2)** | Indicates internal regulation or monitoring features | --- ### 2. Core Electronic Components Inside this module, the following electronic subsystems manage the power: #### A. Power Semiconductors (Thyristors/SCRs) The heart of the device consists of **back-to-back SCRs (Silicon Controlled Rectifiers)**. Unlike a standard mechanical relay, these allow for: * **High-Speed Switching:** Can switch every half-cycle of the AC wave. * **Durability:** No moving parts means millions of cycles without wear. #### B. Control Circuitry (The "Brain") The internal PCB processes the low-voltage control signal (e.g., a 4-20mA signal from a PLC): * **Opto-Isolators:** Provide galvanic isolation between the low-voltage control side and the high-voltage power side to prevent electrical noise interference. * **Microprocessor/Trigger Circuit:** Calculates exactly when to "fire" the SCRs during the sine wave to achieve the desired power output. #### C. Protection Elements * **RC Snubber:** An internal Resistor-Capacitor circuit that protects the SCRs from sudden voltage spikes ($dV/dt$). * **Varistors (MOVs):** Protect against transient overvoltages from the power grid. --- ### 3. Application Use Case This part is primarily used in **Precision Thermal Control**. Because it uses proportional control, it doesn't just turn "ON" or "OFF." It can provide exactly 52%, 75%, or any specific percentage of power required to maintain a constant temperature. **Common Industries:** * Plastic Injection Molding (Heater bands). * Packaging Machinery (Heat sealers). * Industrial Ovens and Furnaces. --- ### 4. Connection Diagram (General) ```mermaid graph LR A[PLC / Controller] -- 4-20mA --> B(M2PHS2W-C2-R2/N) C[L1 Phase] --> B D[L2 Phase] --> B B --> E[Resistive Heater Load] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Phase Angle and Zero Cross switching in this model?
    • ⤷ What type of heatsink is required for a 25A load on this SSR?
    • ⤷ How do I calibrate the 4-20mA input for this specific power controller?