Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2W-C3-R

  • AI
    The **M2PHS2W-C3-R** is a specific part number typically associated with high-precision **Thin Film Precision Chip Resistors**. These components are critical in electronic circuits requiring high stability and low noise. Below is a detailed breakdown of the electronic specifications and characteristics based on the standard naming conventions for this series. --- ### 1. Technical Specifications The part number encodes specific electrical parameters: | Parameter | Specification (Typical) | Description | | :--- | :--- | :--- | | **Component Type** | Thin Film Chip Resistor | High precision, metallic film deposited on ceramic. | | **Package Size** | 0402 / 0603 | Standard SMD (Surface Mount Device) footprint. | | **Resistance Tolerance** | ±0.1% to ±0.5% | Very tight tolerance for precision timing/sensing. | | **Power Rating** | 0.063W to 0.1W | Standard power handling for small-signal paths. | | **Temp. Coefficient** | ±25 ppm/°C (C3) | Low drift across temperature changes. | | **Mounting Type** | SMT / SMD | Automated pick-and-place compatible. | --- ### 2. Key Features * **High Stability:** Unlike standard thick film resistors, the thin film construction ensures that the resistance value remains stable over long periods and varying environmental conditions. * **Low Noise:** Excellent signal-to-noise ratio, making it ideal for audio processing or high-speed data transmission. * **RoHS Compliant:** The "-R" suffix usually denotes compliance with environmental regulations (Lead-free). * **Reliability:** Designed to handle high-frequency applications with minimal parasitic inductance. --- ### 3. Application Areas These parts are commonly found in the following electronic sectors: 1. **Medical Electronics:** Precision monitoring equipment. 2. **Telecommunications:** Signal conditioning in base stations. 3. **Industrial Controls:** Measuring and testing instrumentation. 4. **Automotive:** Control units and sensor interfaces. --- ### 4. Comparison: Thin Film vs. Thick Film | Feature | M2PHS Series (Thin Film) | Standard (Thick Film) | | :--- | :--- | :--- | | **Accuracy** | High (Up to 0.01%) | Moderate (1% - 5%) | | **Temperature Drift** | Very Low | Higher | | **Cost** | Premium | Low | | **Application** | Precision/Signal | Power/General Purpose |
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value for the M2PHS2W-C3-R version?
    • ⤷ Can this resistor be used in high-voltage power supply circuits?
    • ⤷ What are the storage requirements to prevent oxidation of the SMD pads?