Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHS2W-C3-R2/N

  • AI
    The part number **M2PHS2W-C3-R2/N** typically refers to a high-performance **M.2 NVMe Solid State Drive (SSD)**, often associated with industrial or enterprise-grade storage solutions (frequently used by brands like Cervoz). Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Form Factor** | M.2 2280 (80mm length) | | **Interface** | PCIe Gen3 x4 | | **Protocol** | NVMe 1.3 | | **Flash Type** | 3D TLC (Triple-Level Cell) | | **Capacity** | Typically 128GB to 2TB (Model specific) | | **Operating Temp** | Standard (0°C ~ 70°C) or Wide Temp (-40°C ~ 85°C) | | **Data Retention** | 10 Years (at JESD47 standards) | --- ### 2. Key Electronic Components #### A. The Controller (The "Brain") The controller is an ASIC (Application-Specific Integrated Circuit) that manages data flow. * **Functions:** Wear leveling, Bad Block Management, and Error Correction Code (ECC). * **LDPC ECC:** Most "C3" series drives use Low-Density Parity-Check to ensure data integrity as the flash cells degrade over time. #### B. NAND Flash Memory This is where the non-volatile data is stored. * **3D TLC:** This technology stacks memory cells vertically to increase density. * **P/E Cycles:** Industrial versions usually offer 3,000 Program/Erase cycles, providing a balance between cost and longevity. #### C. DRAM Cache (Optional) Depending on the specific revision (R2), the board may include a dedicated DDR3/DDR4 DRAM chip. * **Purpose:** To store the "Mapping Table" (LBA to PBA), which significantly speeds up random read/write operations. --- ### 3. Circuitry Protection Features The "/N" suffix and "R2" revision often denote specific hardware protections integrated into the PCB: 1. **Power Loss Protection (PLP):** Utilizes tantalum capacitors to provide enough "hold-up" power to flush data from the volatile cache to the NAND if power is suddenly cut. 2. **Thermal Throttling:** Internal sensors communicate with the controller to reduce clock speeds if the electronic components exceed safety thresholds. 3. **Conformal Coating:** Often available for industrial models to protect electronic traces from moisture, dust, and chemicals. --- ### 4. Implementation Example (System Integration) To interface with this part programmatically for health monitoring (S.M.A.R.T.), one might use a utility like `smartctl`: ```bash # Check the health and electronic status of the NVMe drive sudo smartctl -a /dev/nvme0n1 ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the specific TBW (Terabytes Written) rating for this model?
    • ⤷ Does the 'R2' suffix indicate a hardware revision or a specific packaging type?
    • ⤷ How does the Power Loss Protection circuit differ between the standard and industrial versions?