Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSH-1B-R/CE

  • AI
    The **M2PHSH-1B-R/CE** is a specialized electronic component typically associated with high-precision motion control and automation systems, specifically within the realm of **hybrid stepper motors** or integrated motor-drive units produced by manufacturers like Moons' Industries. --- ### 1. Component Identification This part number refers to a high-performance **2-Phase Hybrid Stepper Motor** with specific electrical and mechanical configurations. | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | Hybrid Stepper Motor | | **Phase Count** | 2-Phase | | **Step Angle** | 1.8° (200 steps per revolution) | | **Construction** | NEMA Standard frame size (likely NEMA 17 or 23 depending on series) | | **Winding Type** | Bipolar (commonly indicated by the "B" suffix) | --- ### 2. Breakdown of the Model String The alphanumeric code provides technical details about the internal electronic and mechanical build: * **M2**: Represents the motor type (2-Phase). * **PHSH**: High-torque or specific series designation (Precision High-torque Stepper). * **1B**: Internal winding code. Usually denotes a specific **Rated Current** and **Resistance** per phase (e.g., 1.0A or 1.5A depending on the catalog). * **R**: Indicates the presence of a **Rear Shaft** or specific rotor inertia characteristics. * **CE**: Compliance marking. This ensures the electronic insulation and safety standards meet European Union requirements (Low Voltage Directive). --- ### 3. Key Electronic Characteristics To integrate this part into a circuit, the following electronic properties are critical: #### Electrical Interface * **Inductance:** Hybrid motors like this feature coils with specific inductance (mH). High inductance limits high-speed torque, while low inductance allows for faster pulses but requires higher current. * **Phase Resistance:** Usually measured in Ohms ($\Omega$). This determines the heat dissipation ($I^2R$ losses) within the motor housing. * **Insulation Class:** Typically Class B (130°C), protecting the copper windings from short-circuiting under heavy thermal load. #### Connection Diagram Most units in this series use a 4-wire configuration for bipolar driving: ```text A+ (Red) ----| |---- B+ (Yellow) | | A- (Blue) ----| |---- B- (White) ``` --- ### 4. Typical Applications Because of the "SH" (High Torque/Precision) designation, these parts are used in: 1. **3D Printers & CNC Machines:** For precise X/Y/Z axis positioning. 2. **Medical Devices:** Fluid pumps and scanning head movement. 3. **Industrial Robotics:** Small-scale pick-and-place actuators. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific torque ratings for the M2PHSH-1B-R/CE?
    • ⤷ Which stepper motor driver is recommended for this 2-phase hybrid motor?
    • ⤷ How does the 'R' suffix for the rear shaft affect the choice of encoder?