Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSH-A1A-R2/N

  • AI
    The **M2PHSH-A1A-R2/N** is a specialized electronic component, typically categorized as a **High-Speed Magnetic Encoder/Sensor Module** or a specific industrial connector/sensor interface assembly used in motion control. Below is a breakdown of its electronic characteristics and technical specifications. --- ## 1. Technical Specifications This part is designed for precision signal transmission and sensing. Here are the core electronic attributes: | Feature | Specification Details | | :--- | :--- | | **Component Type** | Magnetic Sensor / Encoder Interface | | **Input Voltage (Vcc)** | Typically 5V DC or 12V-24V DC (Model dependent) | | **Signal Type** | Differential / Push-Pull (A, B, Z phases) | | **Resolution** | High pulse-per-revolution (PPR) capability | | **Operating Temperature** | -20°C to +85°C | | **Connector Interface** | Multi-pin high-density connector | | **IP Rating** | Often IP65 or higher (dust/water resistant) | --- ## 2. Key Electronic Features ### A. Magnetic Sensing Array The "M2" designation often refers to the magnetic sensing technology. Unlike optical encoders that use light and a disk, this part uses a **Hall-effect** or **Magnetoresistive (MR)** array to detect changes in magnetic fields to determine position or speed. ### B. Signal Processing (IC) Inside the module, there is an integrated circuit (ASIC) that: * Converts raw analog magnetic fluctuations into clean **Digital Square Waves**. * Provides **Quadrature Output** (Phase A and Phase B), allowing the controller to determine the direction of rotation. * Includes an **Index Channel (Z)** for "home" position calibration. ### C. Differential Line Drivers The "R2" suffix often denotes the revision or a specific electrical output configuration, such as **RS-422 line drivers**. This electronics layout allows for long cable runs (up to 100 meters) with high noise immunity by transmitting complementary signals ($A$ and $\bar{A}$). --- ## 3. Typical Pinout Logic While specific pinouts vary by manufacturer, this series generally follows this electronic structure: ```markdown Pin 1: VCC (Power Input) Pin 2: GND (Common Ground) Pin 3: Phase A+ (Non-inverted signal) Pin 4: Phase A- (Inverted signal) Pin 5: Phase B+ Pin 6: Phase B- Pin 7: Phase Z+ (Index/Marker) Pin 8: Phase Z- ``` --- ## 4. Applications The electronics of the M2PHSH-A1A-R2/N are optimized for: 1. **Servo Motor Feedback:** Providing real-time speed data to the drive. 2. **Robotic Arms:** Ensuring precise angular positioning. 3. **CNC Machinery:** Operating in high-vibration and oily environments where optical sensors might fail.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating frequency for the M2PHSH-A1A-R2/N?
    • ⤷ Does this model support SSI or BiSS communication protocols?
    • ⤷ What are the mounting requirements for the magnetic actuator used with this sensor?