Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSH-A4-R/CE

  • AI
    The **M2PHSH-A4-R/CE** is a specialized electronic component, typically categorized as a **High-Speed Magnetic/Pulse Sensor** or a **Proximity Switch**, often used in industrial automation for speed sensing and position detection. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The device is designed to detect magnetic fields or pulses and convert them into electrical signals compatible with PLCs (Programmable Logic Controllers). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Magnetic/Pulse Sensor (High Sensitivity) | | **Output Type** | PNP or NPN (Model specific, often Open Collector) | | **Sensing Method** | Hall Effect or Magnetic Induction | | **Operating Voltage** | Typically 12V - 24V DC | | **Response Frequency** | High Speed (up to several kHz) | | **Mounting Style** | Threaded Barrel (usually M12 or M18 size) | --- ### 2. Electronic Connectivity The part generally follows standard industrial wiring protocols. The "R/CE" suffix often denotes specific compliance (CE Marking) and connector types. * **Brown Wire:** Positive Power Supply (+VDC). * **Blue Wire:** Negative/Ground (0V). * **Black Wire:** Signal Output (Pulse/Digital). * **White Wire:** (If 4-wire) Inverted Signal or Control. --- ### 3. Key Electronic Functions The M2PHSH-A4-R/CE operates through several internal electronic stages: 1. **Transducer Element:** A Hall Effect element or induction coil that detects the presence of a target (usually a magnet or gear tooth). 2. **Signal Conditioning:** Internal circuitry filters noise and debounces the signal to prevent false triggering. 3. **Schmitt Trigger:** Converts the analog sensing wave into a clean square-wave digital pulse. 4. **Output Driver:** A transistor-based output that can drive a load (relay or PLC input). --- ### 4. Application Environments Due to the "CE" certification and the ruggedized nature of the "PHSH" series, this part is used in: * **Tachometers:** Measuring the RPM of rotating shafts. * **Conveyor Systems:** Counting items passing a specific point. * **Automotive/Engine Testing:** Sensing crank or cam position. * **Robotics:** Providing feedback for closed-loop motion control. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for this specific model?
    • ⤷ Is this sensor compatible with both NPN and PNP logic controllers?
    • ⤷ Does this model feature short-circuit protection for the output stage?