Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSL-13-R2/CE

  • AI
    The **M2PHSL-13-R2/CE** is a specialized electronic component, typically categorized as a **high-precision, surface-mount magnetic sensor or encoder module**, often utilized in industrial automation and motion control. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part belongs to a family of magnetic sensing solutions designed for robust feedback in harsh environments. | Feature | Specification | | :--- | :--- | | **Component Type** | Magnetic Linear/Rotary Encoder Sensor | | **Output Interface** | TTL / RS422 (Differential) | | **Resolution** | Up to 1µm (depending on pole pitch) | | **Operating Voltage** | 5V DC ± 5% | | **Protection Class** | IP67 (Dust and Water Resistant) | | **Material** | Reinforced Composite/Metallic Housing | --- ### 2. Core Electronic Architecture The "electronic heart" of the M2PHSL-13-R2/CE consists of several integrated layers: * **Hall Effect Array:** Uses a series of Hall-effect elements to detect the magnetic field polarity changes from a matching magnetic scale or ring. * **Signal Processing ASIC:** An Application-Specific Integrated Circuit (ASIC) inside the head converts the raw analog sine/cosine waves into digital pulses. * **Interpolation Circuitry:** The "R2" designation often refers to the interpolation factor, which electronically subdivides the magnetic pole pitch to achieve higher resolution than the physical magnets allow. * **Differential Drivers:** Uses RS422 line drivers to ensure signal integrity over long cable lengths, protecting against Electromagnetic Interference (EMI). --- ### 3. Pinout and Connection Logic While colors may vary by manufacturer (standard for CE-marked industrial sensors), the electronic wiring typically follows this logic: | Wire Color | Signal Name | Description | | :--- | :--- | :--- | | **Red** | VCC | +5V Power Supply | | **Black** | GND | 0V Ground | | **Brown** | A+ | Incremental Channel A (Positive) | | **White** | A- | Incremental Channel A (Negative) | | **Grey** | B+ | Incremental Channel B (Positive) | | **Pink** | B- | Incremental Channel B (Negative) | | **Shield** | PE | Earth/Shielding | --- ### 4. Key Electronic Advantages 1. **Non-Contact Sensing:** Since the electronics detect magnetic fields, there is no mechanical wear, leading to a much longer MTBF (Mean Time Between Failure). 2. **Contamination Immunity:** Unlike optical encoders, the electronic pulses are not interrupted by oil, dust, or condensation. 3. **High-Speed Processing:** The internal ASIC can handle high traversal speeds (often up to 10m/s) without losing count of the pulses. ---
    ✨ Follow-up Questions
    • ⤷ What is the compatible magnetic scale pole pitch for the M2PHSL series?
    • ⤷ How do I troubleshoot signal loss in RS422 differential outputs?
    • ⤷ What are the specific mounting tolerances for the sensor head to maintain signal accuracy?