Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSL-16D-R2/Q

  • AI
    The **M2PHSL-16D-R2/Q** is a specific part number typically associated with **M.2 (NGFF) industrial-grade SSDs** or specialized **embedded storage modules**, often utilized in industrial computing, telecommunications, or networking equipment. Below is a breakdown of the electronic components and technical specifications characteristic of this part. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Interface** | PCIe Gen3 x2 or SATA (depending on specific revision) | | **Form Factor** | M.2 (2242 or 2280 dimensions) | | **Capacity** | Often 16GB (indicated by the "16" in the suffix) | | **NAND Type** | Industrial Grade SLC or pSLC (Pseudo-SLC) | | **Temperature Range** | Industrial Grade (-40°C to +85°C) | | **Data Retention** | High-endurance for 24/7 operations | --- ### 2. Primary Electronic Components The module consists of several critical integrated circuits (ICs) and passive components: #### A. NAND Flash Controller The "brain" of the device. It manages data placement, error correction (ECC), and wear leveling. * **Functions:** Handles the NVMe or SATA protocol stack. * **Technologies:** Usually includes **LDPC (Low-Density Parity-Check)** for high reliability in harsh environments. #### B. NAND Flash Memory The non-volatile storage area where data is physically kept. * **SLC/pSLC:** Unlike consumer drives (TLC/QLC), this part likely uses **Single-Level Cell** technology to ensure maximum write endurance and data integrity under extreme heat or vibration. #### C. Power Management Unit (PMIC) * **Voltage Regulation:** Converts the 3.3V supplied by the M.2 slot into lower voltages (e.g., 1.2V, 1.8V) required by the controller and NAND. * **Power Loss Protection (PLP):** Often includes a circuit of tantalum capacitors or specialized firmware to prevent data corruption during sudden power failures. --- ### 3. Structural Features * **Gold Finger Connector:** 75-pin M.2 connector (B, M, or B+M Keyed). * **SMD Passives:** High-precision resistors and capacitors designed for low ESR (Equivalent Series Resistance). * **PCB Material:** High-TG (Glass Transition Temperature) FR4 to prevent warping under thermal stress. --- ### 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (often InnoDisk, Apacer, or Advantech for these types of parts), the nomenclature generally follows this logic: * **M2:** M.2 Form Factor. * **PH:** High Performance / PCIe. * **16D:** 16 Gigabyte Density. * **R2:** Revision 2 of the hardware/firmware. * **Q:** Often denotes **Industrial Grade** or **Quick Erase/Security** features. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact manufacturer of this specific part number?
    • ⤷ How does SLC NAND compare to TLC in industrial applications?
    • ⤷ What are the specific pinout differences between B-key and M-key M.2 modules?