Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSL-A1A-R2/CE

  • AI
    The **M2PHSL-A1A-R2/CE** is a high-performance **solid-state power controller** (often classified under Power Management or Motor Control modules), typically manufactured by companies like **Mitsubishi Electric** or specialized industrial automation firms. This component is designed to manage high-current loads with precision and reliability. --- ### 1. Technical Specifications Breakdown The part number indicates specific characteristics regarding voltage, control method, and compliance. | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Solid State Power Controller | Electronic switching device with no moving parts. | | **Control Signal** | Analog (4-20mA or 1-5V) | Linear control of power output via phase angle. | | **Phase Type** | Single Phase | Designed for single-phase AC circuits. | | **Current Rating** | 20A - 30A (Typical) | Depends on the heatsink configuration. | | **Voltage Range** | 100V - 240V AC | Standard industrial operational voltage. | | **Certifications** | CE / RoHS | Complies with European safety and environmental standards. | --- ### 2. Key Internal Electronic Parts The device is an integrated assembly consisting of several critical electronic stages: 1. **Power Semiconductor (SCR/Thyristor):** * The core switching element. It uses two SCRs in anti-parallel or a Triac to handle the AC load. * Unlike mechanical relays, these allow for **Phase Angle Control**, which varies the power by "chopping" the AC waveform. 2. **Opto-Isolator (Isolation Stage):** * Ensures the high-voltage load side is electrically isolated from the low-voltage control side (PLC or Potentiometer). 3. **Control IC / Microprocessor:** * Monitors the input signal (e.g., 4-20mA) and calculates the precise trigger point for the SCRs to maintain the desired power output. 4. **Snubber Circuit:** * A combination of resistors and capacitors ($RC$ network) designed to suppress voltage spikes ($dv/dt$) and protect the semiconductors from inductive load noise. --- ### 3. Application Use Cases This part is primarily used where precise temperature or speed control is required: * **Electric Heaters:** Fine-tuning the heat output of industrial ovens or plastic extruders. * **Lighting Control:** Dimming high-power halogen or incandescent arrays. * **Motor Regulation:** Adjusting the speed of small AC motors (where torque requirements allow). --- ### 4. Wiring Diagram (Simplified Concept) ```text [ Input Signal: 4-20mA ] ----> [ Control Terminals ] | [ AC Main (L) ] ---------------> [ Power Terminal 1 ] | [ Load (Heater) ] <------------- [ Power Terminal 2 ] | [ AC Main (N) ] ----------------------' ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between phase angle control and zero-cross switching in this module?
    • ⤷ How do I calculate the heat dissipation requirements for the M2PHSL-A1A-R2/CE?
    • ⤷ Can this module be used with a 3-phase load using multiple units?