Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSL-B3-R

  • AI
    The **M2PHSL-B3-R** is a specific part number typically associated with professional-grade **M.2 NVMe SSD to PCIe Expansion Cards** or internal storage bridge components. These devices are designed to bridge high-speed storage interfaces to standard motherboard slots. --- ### 1. Technical Specifications The device acts as a physical and electrical interface converter. Below are the primary electronic characteristics: | Component Feature | Specification / Detail | | :--- | :--- | | **Interface Type** | PCIe x4 / x8 / x16 (Depending on host) | | **M.2 Keying** | M-Key (Designed for NVMe SSDs) | | **Form Factor Supported** | 2230, 2242, 2260, 2280 | | **Data Rate** | PCIe Gen 3.0 / 4.0 (Up to 32Gbps - 64Gbps) | | **Power Management** | Integrated DC-to-DC Buck Converter | | **Cooling Interface** | Thermal Pad + Heatsink support | --- ### 2. Key Electronic Parts and Functions The internal PCB (Printed Circuit Board) of the M2PHSL-B3-R contains several critical electronic subsystems: #### A. Power Regulation (LDO / Buck Converters) M.2 NVMe drives require a stable **3.3V** power supply. Since PCIe slots provide 12V and 3.3V, these cards often include: * **Voltage Regulators:** To ensure the SSD receives "clean" power without ripples that could cause data corruption. * **Capacitors (SMD):** Surface-mount ceramic capacitors are used for decoupling and filtering high-frequency noise. #### B. Differential Pair Routing The PCB traces are engineered for **High-Speed Differential Signaling**. This is critical for maintaining signal integrity over PCIe lanes. * The traces are length-matched to prevent "skew" (timing differences) between the positive and negative signals. #### C. LED Indicators Most models under this designation include status LEDs: * **Power LED:** Indicates the board is receiving voltage from the motherboard. * **Activity LED:** Linked to the SSD's "ACT" pin to flicker during data read/write operations. #### D. Thermal Management Electronic components on NVMe drives generate significant heat. The "B3" designation often refers to a kit that includes: * **Aluminum Heatsink:** To dissipate heat from the controller IC. * **Thermal Silicons:** Highly conductive pads that bridge the gap between the electronic chips and the metal sink. --- ### 3. Safety and Protection Circuits To protect both the motherboard and the SSD, the circuit includes: * **TVS Diodes:** For ESD (Electrostatic Discharge) protection. * **Fuses:** Overcurrent protection to prevent a short circuit in the SSD from damaging the host PC.
    ✨ Follow-up Questions
    • ⤷ Does this part support PCIe 4.0 speeds?
    • ⤷ Is it compatible with SATA-based M.2 drives?
    • ⤷ What are the dimensions for installation clearance?