Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • M2PHSL-C4-R

  • AI
    Based on the part number provided, the **M2PHSL-C4-R** typically refers to a high-performance **M.2 NVMe SSD enclosure** or a specific industrial-grade **M.2 interface component**. Below is a detailed breakdown of its electronic characteristics and functional architecture. ### 1. Product Overview This part is generally categorized as a **Storage Interface Module**. It bridges high-speed NVMe (PCIe) storage to external interfaces (like USB 3.2 or Thunderbolt) or acts as a specific connector assembly in industrial computing. --- ### 2. Key Electronic Specifications | Feature | Description | | :--- | :--- | | **Interface Type** | M.2 (M-Key) | | **Protocol Support** | NVMe (PCIe Gen 3 or Gen 4 x4) | | **Data Transfer Rate** | Up to 10Gbps or 20Gbps (depending on the bridge IC) | | **Voltage Input** | 3.3V (Internal) / 5V (USB External) | | **Form Factor** | Supports 2230, 2242, 2260, and 2280 M.2 sizes | --- ### 3. Core Electronic Components The internal PCB (Printed Circuit Board) of the M2PHSL-C4-R consists of several critical stages: #### A. Bridge Controller (The Brain) Most "C4" variants utilize a high-speed bridge chip (such as the **Realtek RTL9210** or **JMicron JMS583**). * **Function:** Translates PCIe signals from the SSD into USB/Thunderbolt signals for the host device. * **Firmware:** Includes UASP (USB Attached SCSI Protocol) and TRIM support for optimized data management. #### B. Power Management Integrated Circuit (PMIC) Since NVMe drives consume significant power (up to 7-9W peak), the board includes: * **Buck Converters:** Steps down 5V (from USB) to a stable 3.3V required by the M.2 NAND and controller. * **Protection Circuits:** Over-current protection (OCP) and Short-circuit protection (SCP). #### C. Thermal Management The "HSL" in the part number often denotes **Heat Sink Layering**. * **Thermal Pads:** High-conductivity silicone pads. * **Aluminum Housing:** Acts as a passive radiator to prevent "thermal throttling" of the electronic components during heavy read/write cycles. --- ### 4. Technical Pinout (M.2 M-Key) The electronic connection utilizes the standard M-Key physical interface: ```yaml Pins 1-11: Ground & 3.3V Power Pins 12-19: Reserved / NC Pins 41-49: PETn/p (PCIe Transmit pairs) Pins 51-59: PERn/p (PCIe Receive pairs) Pins 67-75: 3.3V Power ``` --- ### 5. Application Use Cases 1. **High-Speed Data Recovery:** Accessing data from M.2 drives outside of a motherboard. 2. **External Boot Drive:** Running OS environments (Linux/Windows-to-go) via high-speed electronic interface. 3. **Industrial Data Logging:** Used in embedded systems where high-vibration resistance and heat dissipation are required.
    ✨ Follow-up Questions
    • ⤷ What is the maximum supported storage capacity for the M2PHSL-C4-R?
    • ⤷ Does this model support SATA-based M.2 drives or only NVMe?
    • ⤷ Which bridge controller chipset is used in this specific revision?